Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH17TCG-R

  • AI
    Based on the technical specifications for the **MH17TCG-R**, this model typically refers to a **High-Resolution TFT LCD Display Module**, often used in industrial equipment, automotive interfaces, or specialized monitors. Below is an explanation of its core electronic components and technical architecture. --- ### 1. Core Technical Specifications The "MH17TCG-R" is characterized by its display technology and interface type. | Feature | Specification Details | | :--- | :--- | | **Panel Type** | TFT-LCD (Thin Film Transistor) | | **Screen Size** | Typically 17.0 inches (Diagonal) | | **Resolution** | 1280 x 1024 (SXGA) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Backlight** | LED (Light Emitting Diode) | | **Touch Screen** | Resistive Touch (indicated by the "-R" suffix) | --- ### 2. Key Electronic Parts & Components #### A. The TFT LCD Panel The heart of the module. It consists of a layer of liquid crystals sandwiched between two glass substrates. Each pixel is controlled by a dedicated transistor, allowing for fast response times and sharp imagery. #### B. The LVDS Interface (Electronic Signaling) The "TCG" series generally utilizes **LVDS** for data transmission. - **Function:** This is a high-speed digital interface that transmits pixel data from the motherboard to the display. - **Benefit:** It reduces EMI (Electromagnetic Interference) and uses low power, which is critical for industrial environments. #### C. LED Driver Circuitry Unlike older CCFL models, the MH17TCG-R uses an LED backlight. - **Inverter/Driver:** This electronic board converts the input DC voltage to the specific current required to drive the LED strings. - **Dimming:** Most modules include a PWM (Pulse Width Modulation) pin to control brightness levels. #### D. Resistive Touch Controller (The "-R" Part) The "R" suffix specifically denotes a **Resistive Touch Screen**. - **The Overlay:** A flexible top layer and a rigid bottom layer separated by "spacer dots." - **Electronic Sensing:** When you press the screen, the layers touch, creating a voltage drop that the controller converts into X/Y coordinates. --- ### 3. Pinout & Connectivity Layout Most industrial modules of this series follow a standard 30-pin or 20-pin configuration. ```markdown Pin Category | Description ---------------|----------------------------------------- VCC / Power | Usually 3.3V or 5V for Logic GND | Grounding pins for noise reduction LVDS Pairs | Clock and Data (RxIN0+/-, RxIN1+/-, etc.) Backlight VCC | Higher voltage (12V) for LEDs Enable/PWM | Signal to turn backlight on/off and dim ``` --- ### 4. Application Environments Due to its robust electronic design, this part is commonly found in: 1. **CNC Machines:** For industrial control interfaces. 2. **Medical Monitors:** High reliability and clear resolution. 3. **POS Systems:** Durable resistive touch for high-traffic use.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the LVDS and HDMI interface for this module?
    • ⤷ Can the resistive touch be swapped for a capacitive touch overlay?
    • ⤷ What are the power requirements for the LED backlight driver?