Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH18FBD-R

  • AI
    The **MH18FBD-R** is an integrated circuit (IC) primarily used in the automotive and industrial sectors. It is most commonly identified as a **high-voltage, high-side MOSFET driver** or an integrated power switch designed for rugged environments. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics typically associated with this component: | Feature | Description | | :--- | :--- | | **Component Type** | High-Side Power Switch / Driver | | **Technology** | BCD (Bipolar-CMOS-DMOS) | | **Input Voltage Range** | Typically 4.5V to 28V (Automotive standard) | | **Output Type** | High-side MOSFET drive | | **Package** | Usually found in SOIC or specialized heat-sink packages | | **Protections** | Short-circuit, Over-temperature, Under-voltage | --- ## 2. Key Internal Functions The "FBD" series often incorporates several internal sub-circuits to ensure the safety of the driven load: ### A. Charge Pump Since this is a high-side driver, it includes an internal **charge pump**. This allows the IC to generate a gate voltage higher than the supply voltage ($V_{cc}$), ensuring the N-channel MOSFET is fully turned on even when the source is at the supply level. ### B. Diagnostic Feedback The device provides a status output. If a fault occurs (such as a blown bulb in an automotive application or a short to ground), the IC signals the microcontroller via a "Diagnostic" pin. ### C. Current Limiting To prevent damage to the PCB traces or the load, the MH18FBD-R limits the maximum current flow during a surge or fault condition. --- ## 3. Typical Application Schematic In a standard circuit, the MH18FBD-R acts as the interface between a low-power Microcontroller (MCU) and a high-power load (like a motor or lamp). ```mermaid graph LR MCU[Microcontroller 5V] -->|Signal| IC[MH18FBD-R] Battery[12V Battery] --> IC IC -->|High Side Output| Load[DC Motor / LED Array] Load --> GND[Ground] ``` --- ## 4. Usage Considerations * **Thermal Dissipation:** Because it manages power, the "R" suffix often denotes a specific lead-frame design intended for better heat dissipation. Ensure adequate copper pouring on the PCB. * **Inductive Loads:** If driving a motor or solenoid, ensure external flyback diodes are considered if the internal clamping is insufficient for the specific inductive energy. * **PWM Compatibility:** These drivers are often compatible with Pulse Width Modulation (PWM) for dimming lights or controlling motor speed.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MH18FBD-R?
    • ⤷ Can this IC be used for 24V industrial systems or is it strictly 12V automotive?
    • ⤷ How does the MH18FBD-R handle thermal shutdown recovery?