Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH22FBD-R

  • AI
    The **MH22FBD-R** is an electronic component primarily associated with **Quartz Crystal Oscillators**, specifically those manufactured by **NDK (Nihon Dempa Kogyo)**. These components are vital for providing precise timing signals in electronic circuits. --- ## 1. Component Overview The MH22FBD-R belongs to a series of high-precision oscillators. In modern electronics, these are often used in telecommunications, industrial equipment, and automotive systems due to their stability. | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator (SPXO) | | **Manufacturer** | NDK (Nihon Dempa Kogyo) | | **Mounting Type** | Surface Mount Device (SMD) | | **Common Application** | Networking, Base Stations, High-speed Data Transmission | --- ## 2. Key Electronic Characteristics While specific datasheets can vary based on the production year, the "MH" series typically features the following electronic profiles: ### A. Frequency Stability These oscillators are designed to maintain a consistent frequency even when exposed to temperature fluctuations. They usually offer stability within **±20ppm to ±50ppm** (parts per million). ### B. Supply Voltage Standard electronic configurations for this series often operate at: * **3.3V** (Common) * **2.5V** or **1.8V** (Low power versions) ### C. Output Logic The output signal is generally a **CMOS** or **LV-PECL** logic level, which determines how it interfaces with microcontrollers (MCUs) or FPGAs. --- ## 3. Physical Construction The "FBD-R" suffix often denotes specific packaging and reel requirements: 1. **Ceramic Package:** The internal crystal is housed in a hermetically sealed ceramic container to prevent environmental interference. 2. **Gold Plating:** The pads (terminals) are usually gold-plated to ensure excellent conductivity and prevent oxidation. 3. **RoHS Compliance:** The "-R" suffix commonly indicates compliance with environmental regulations (Restriction of Hazardous Substances) and that the part is supplied on a **Reel** for automated pick-and-place assembly. --- ## 4. Typical Pin Configuration Most SMD oscillators in this class follow a standard 4-pin or 6-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable or No Connection | | **2** | GND | Ground Connection | | **3** | OUT | Frequency Output Signal | | **4** | Vcc | Power Supply Voltage | --- ## 5. Usage Precautions * **Decoupling:** A 0.01μF to 0.1μF capacitor should be placed as close as possible to the Vcc pin to filter high-frequency noise. * **Soldering:** Avoid excessive heat during the reflow process to prevent "frequency shift" or damage to the internal quartz blank.
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency of the MH22FBD-R variant?
    • ⤷ Can this component be used in automotive-grade environments?
    • ⤷ What are the equivalent alternatives from manufacturers like Epson or TXC?