Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH23TAG-R

  • AI
    The **MH23TAG-R** is an electronic component primarily associated with **Bluetooth Low Energy (BLE)** communication modules, often used in automotive systems (such as tire pressure monitoring or keyless entry) and IoT smart tagging. Below is a detailed breakdown of its electronic characteristics and functional architecture. --- ## 1. Core Technical Specifications The MH23TAG-R is typically a System-on-Chip (SoC) or a specialized tag module. Its internal architecture usually consists of the following subsystems: | Component | Description | Details | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M series (typically M0 or M4) | Handles data processing and protocol stacks. | | **Radio Frequency (RF)** | 2.4 GHz Transceiver | Supports Bluetooth 5.0/5.1 protocols. | | **Memory** | Flash & SRAM | Stores firmware and temporary sensor data. | | **Power Management** | Low-dropout regulator (LDO) | Optimized for coin-cell battery operation (3V). | --- ## 2. Key Electronic Features The design of the MH23TAG-R focuses on two main pillars: **Power Efficiency** and **Signal Integrity**. ### A. Power Consumption * **Deep Sleep Mode:** Current draw is often in the micro-amp ($\mu A$) range to extend battery life. * **Active RX/TX:** Optimized peak currents to prevent rapid voltage drops in small batteries. ### B. RF Characteristics * **Integrated Antenna:** Usually features a PCB trace antenna or a ceramic chip antenna. * **Impedance Matching:** Uses a passive LC network (Inductors and Capacitors) to ensure maximum power transfer to the antenna at 2.4 GHz. ### C. Sensors (Optional/Integrated) Depending on the specific revision (e.g., used in TPMS), it may include: * **Accelerometer:** To detect motion and wake the device from sleep. * **Temperature Sensor:** For environmental monitoring. --- ## 3. Pinout and Connectivity While physical layouts vary by package, the following interfaces are standard for programming and communication: 1. **VDD / GND:** Power supply (typically 1.8V to 3.6V). 2. **SWDIO / SWCLK:** Serial Wire Debug interface for flashing firmware. 3. **GPIOs:** General Purpose Input/Output pins for external buttons or LEDs. 4. **I2C / UART:** Communication buses to talk to other sensors or a host MCU. --- ## 4. Typical Applications The "TAG" designation in the part number suggests its use in: * **Asset Tracking:** Attaching to equipment to monitor location via BLE beacons. * **Automotive Keys:** Passive Keyless Entry (PKE) systems. * **Environmental Monitoring:** Small form-factor wireless thermometers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the MH23TAG-R?
    • ⤷ Does this module support Bluetooth 5.0 Long Range mode?
    • ⤷ What are the common programming tools used for this specific chip?