Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH23TDD-R

  • AI
    The **MH23TDD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-current magnetic component used in power management circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The MH23 series is designed for high-density mounting and efficient power conversion. | Feature | Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Metal Alloy / Magnetic Powder Core | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Electronic Characteristics These parts are engineered to handle high transient currents and maintain stability under heat. * **Inductance Stability:** The metal alloy construction allows for a "soft saturation" characteristic, meaning the inductance decreases gradually as current increases, rather than dropping sharply. * **Low DCR (DC Resistance):** Designed with thick copper windings to minimize power loss and heat generation. * **EMI Suppression:** Because it is shielded, it minimizes leakage flux, protecting sensitive nearby components from electromagnetic interference. * **High Frequency Performance:** Optimized for DC-DC converters operating at high switching frequencies (up to several MHz). --- ### 3. Applications The MH23TDD-R is commonly found in the following electronic assemblies: 1. **Voltage Regulator Modules (VRMs):** Used in laptops and desktop motherboards. 2. **DC-DC Converters:** Point-of-Load (POL) power supplies. 3. **Portable Electronics:** Smartphones, tablets, and SSDs where space is limited but current demand is high. 4. **Automotive Infotainment:** Powering onboard displays and processing units. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary slightly, the nomenclature usually follows this logic: | Segment | Meaning | | :--- | :--- | | **MH** | Series designation (usually high-current/metal alloy). | | **23** | Physical dimensions (approx. 2.0mm x 2.5mm or similar footprint). | | **TDD** | Internal material code or performance tier. | | **-R** | Packaging format (Tape & Reel for automated assembly). | ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (LxWxH) of the MH23TDD-R?
    • ⤷ What is the typical saturation current (Isat) for this inductor series?
    • ⤷ Can this part be used in high-temperature automotive environments?