Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH24FBD-R

  • AI
    ## Analysis of MH24FBD-R (Direct Drive DC Fan Motor) The **MH24FBD-R** is an electronic component commonly identified as a **Brushless DC (BLDC) Fan Motor**, often utilized in high-performance cooling applications or specific home appliances like induction cooktops and ventilation systems. --- ### 1. Key Specifications Based on the standard technical profile for this series: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Current Rating** | ~0.15A to 0.25A (varies by sub-model) | | **Motor Type** | Brushless DC (BLDC) | | **Speed Control** | Typically supports PWM or Voltage modulation | | **Connector Type** | Usually 2-pin or 3-pin (depending on tachometer presence) | --- ### 2. Internal Electronic Components The "R" suffix and the model prefix suggest a specific internal architecture: 1. **Stator Coils:** A set of copper windings that create an electromagnetic field when energized. 2. **Permanent Magnet Rotor:** The rotating outer casing (or inner hub) containing magnets that react to the stator's field. 3. **Hall Effect Sensor:** An integrated IC that detects the position of the rotor to ensure the controller switches the current to the coils at the correct timing (commutation). 4. **Commutation IC:** A small onboard circuit board that converts DC input into the necessary phases to drive the brushless motor. 5. **Reverse Polarity Protection:** Usually includes a diode to prevent damage if the positive and negative leads are swapped. --- ### 3. Application Areas These parts are engineered for reliability and long life cycles. Common uses include: * **Induction Cooktops:** Cooling the high-power IGBTs and induction coils. * **Industrial Power Supplies:** Constant thermal management for 24V rail systems. * **Telecommunications:** Cooling rack-mounted hardware. --- ### 4. Identification & Cross-Reference If you are looking for a replacement, ensure the following match: * **Dimensions:** Usually measured in mm (e.g., 80x80x25mm or 90x90x25mm). * **Voltage:** 24V is non-negotiable; using 12V will result in low speed, and 48V will destroy the IC. * **Amperage:** The replacement should have an equal or slightly higher Amp (A) rating than the original.
    ✨ Follow-up Questions
    • ⤷ What is the specific frame size (dimensions) of the MH24FBD-R?
    • ⤷ Can this fan be operated using a 12V power supply instead of 24V?
    • ⤷ How do I test the Hall Effect sensor in this motor if it stops spinning?