Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH25FBD-R

  • AI
    The **MH25FBD-R** is a specialized high-power, precision resistor, typically utilized in industrial power electronics, medical equipment, and high-voltage applications. Below is a breakdown of its technical characteristics and specifications. ### 1. Component Overview The MH series (specifically the MH25 variant) is designed for **High Voltage / High Resistance** stability. These components are often constructed using metal film technology or specialized thick film to withstand surges while maintaining a tight tolerance. --- ### 2. Technical Specifications The following table outlines the general parameters for the MH25 series based on industry standards: | Parameter | Value/Description | | :--- | :--- | | **Power Rating** | 0.25 Watts (1/4 W) | | **Maximum Working Voltage** | Typically 250V - 500V (depending on variant) | | **Tolerance** | ±1% (F-level) | | **Temperature Coefficient** | ±100 ppm/°C | | **Mounting Type** | Through-hole (Axial leaded) | | **Dielectric Strength** | 500V - 700V | --- ### 3. Key Electronic Characteristics #### A. Power Dissipation The "25" in the part number usually signifies a power rating of **0.25W**. This indicates the maximum energy the resistor can dissipate as heat without degrading its resistive element. #### B. Precision & Tolerance The **"F"** in the part number corresponds to a **±1% tolerance**. This makes it a "precision resistor," suitable for feedback loops, voltage dividers, and sensing circuits where accuracy is paramount. #### C. Packaging (R) The suffix **"-R"** usually denotes the packaging style, typically meaning **Tape and Reel** (T&R). This format is optimized for automated pick-and-place machines in high-volume manufacturing. --- ### 4. Typical Applications * **Medical Electronics:** Used in diagnostic equipment where high-voltage stability is required. * **Power Supplies:** Acts as a bleeder resistor or part of a voltage sensing network. * **Measuring Instruments:** Integrated into multimeters or oscilloscopes for signal attenuation. * **Industrial Controls:** Used in motor controllers and HVAC systems for surge protection. --- ### 5. Part Number Decoding The part number can be broken down as follows: | Segment | Meaning | | :--- | :--- | | **MH** | Series Name (Metal Film / High Voltage) | | **25** | Size/Power Rating (1/4 Watt) | | **F** | Tolerance (±1%) | | **BD** | Specific material or Temperature Coefficient (TCR) | | **R** | Packaging (Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MH25FBD-R?
    • ⤷ Can this resistor be used in pulse-loading applications?
    • ⤷ How does the MH series differ from standard carbon film resistors?