Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH25FBG-R

  • AI
    The **MH25FBG-R** is a specific electronic component typically identified as a **High-Voltage, Ultra-Fast Recovery Diode**. These components are essential in power electronics for rectification and circuit protection. --- ### 1. Key Technical Specifications The following table outlines the general parameters for this class of high-voltage diodes: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | High-Voltage Rectifier Diode | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 2500V (2.5kV) | | **Average Forward Current ($I_{F(AV)}$)** | ~50mA to 100mA (Depending on thermal dissipation) | | **Reverse Recovery Time ($t_{rr}$)** | < 100ns (Ultra-Fast) | | **Forward Voltage Drop ($V_F$)** | ~4.0V - 6.0V (High due to multiple junctions) | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Functional Characteristics * **Ultra-Fast Recovery:** The "FBG" series often denotes high-speed switching capabilities. This minimizes power loss during the transition from a conducting to a non-conducting state. * **Multi-Junction Stack:** To achieve a 2.5kV rating, the device contains multiple silicon junctions stacked in series within a single molded package. * **High Reliability:** Designed to handle high-frequency stress, making it suitable for modern switch-mode power supplies. --- ### 3. Common Applications This part is primarily used in circuits where high voltage must be converted from AC to DC or where inductive "kickback" needs to be suppressed: 1. **Laser Power Supplies:** Used in the rectification stage for CO2 or high-output laser tubes. 2. **X-Ray Equipment:** High-voltage generators for medical or industrial imaging. 3. **CRT Displays:** Legacy television and monitor focus/anode circuits. 4. **Air Purifiers:** Voltage multipliers for ionizers and electrostatic precipitators. 5. **Voltage Multipliers:** Used in "Cockcroft-Walton" generator circuits to step up voltage. --- ### 4. Typical Circuit Symbol In a schematic, it is represented by a standard diode symbol, often labeled with its high-voltage rating: ```text Cathode (Marked with Ring) | --- \ / (Diode Symbol) V --- | Anode ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R' suffix in the MH25FBG-R part number?
    • ⤷ Can this diode be used in high-frequency PWM circuits?
    • ⤷ What are the safe mounting precautions for a 2.5kV diode to prevent arcing?