Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH26FBG-R

  • AI
    The **MH26FBG-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in automotive applications such as electric power steering (EPS), cooling fans, or industrial automation. It is engineered for high reliability and efficiency. --- ## 1. Core Component Breakdown The internal electronic and mechanical parts of the MH26FBG-R are categorized into three main sections: ### A. Stator and Windings * **Coils:** High-purity copper windings that create an electromagnetic field when current passes through them. * **Laminations:** Stacked silicon steel sheets that reduce eddy current losses. * **Phase Configuration:** Usually configured in a 3-phase (U, V, W) setup to allow for smooth rotation through electronic commutation. ### B. Rotor Assembly * **Permanent Magnets:** High-energy magnets (often Neodymium) mounted on the shaft. * **Shaft:** The physical output component that transfers torque to the load. ### C. Sensors (Feedback System) Since this is a brushless motor, it requires a feedback mechanism to tell the controller the position of the rotor: * **Hall Effect Sensors:** Detect the magnetic field of the rotor to trigger phase switching. * **Encoder (Optional):** Some variants include an optical or magnetic encoder for high-precision positioning. --- ## 2. Technical Specifications (Typical) | Feature | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 12V or 24V DC (Model dependent) | | **Commutation** | Electronic (Requires an external or integrated ESC) | | **Construction** | Inner Rotor or Outer Rotor (Commonly Inner for high speed) | | **Bearing Type** | Dual Ball Bearings for high durability | --- ## 3. Necessary Driving Electronics The MH26FBG-R cannot run by simply connecting it to a battery; it requires a **Motor Driver (ESC)**. The electronic control path includes: 1. **Microcontroller (MCU):** Calculates the timing for phase switching. 2. **Gate Drivers:** Amplifies the low-power signals from the MCU to drive the MOSFETs. 3. **Power MOSFETs:** Act as electronic switches to pulse power into the stator windings. 4. **Capacitors:** Filter out voltage spikes and noise generated by the high-speed switching. --- ## 4. Maintenance and Safety Parts * **Thermal Protection:** Integrated thermistors (NTC) may be present to monitor winding temperature. * **Housing:** Die-cast aluminum or reinforced plastic to dissipate heat and protect internal electronics from dust and moisture (often rated IP54 or higher).
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the MH26FBG-R connector?
    • ⤷ Does this motor require a sensored or sensorless BLDC controller?
    • ⤷ What are the torque and RPM ratings for this specific model?