Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH26TAG-R

  • AI
    The **MH26TAG-R** is an electronic component primarily classified as a **Surface Mount Device (SMD) Wire-Wound Ceramic Inductor**. These parts are essential in high-frequency (RF) communication circuits for filtering, impedance matching, and resonance. --- ### 1. Technical Specifications Below are the typical technical characteristics found in the MH26TAG series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Wire-Wound Inductor | | **Case Size** | 1008 (2520 Metric) or similar depending on variant | | **Core Material** | Ceramic (Non-magnetic) | | **Inductance Range** | Usually nano-Henry (nH) to micro-Henry (µH) scale | | **Tolerance** | ±5%, ±10%, or ±20% | | **Operating Temp** | -40°C to +125°C | | **Mounting Style** | Surface Mount (SMT) | --- ### 2. Key Electronic Features * **High Q-Factor:** Being a wire-wound inductor on a ceramic core, it offers a high Quality (Q) factor, which is critical for reducing signal loss in RF circuits. * **High Self-Resonant Frequency (SRF):** The ceramic body allows the part to operate efficiently at high frequencies without reaching parasitic resonance prematurely. * **Low DC Resistance (DCR):** The wire-wound construction typically results in lower resistance compared to multilayer inductors, improving power efficiency. * **Stable Performance:** Ceramic cores are highly stable against temperature fluctuations and do not saturate like ferrite cores. --- ### 3. Circuit Applications These parts are commonly integrated into the following electronic systems: 1. **RF Matching Networks:** Used to match the impedance between an antenna and a transceiver to maximize power transfer. 2. **Filter Circuits:** Employed in Low Pass Filters (LPF) or Band Pass Filters (BPF) to eliminate noise in wireless devices. 3. **VCO Circuits:** Used in Voltage Controlled Oscillators for frequency stabilization in mobile phones or Wi-Fi modules. 4. **Bluetooth & IoT:** Found in small-scale wireless modules where high-frequency performance and compact size are required. --- ### 4. Part Number Breakdown (General) While naming conventions vary slightly by manufacturer (such as Murata or Taiyo Yuden equivalents), the suffix **"-R"** usually denotes **Tape and Reel packaging**, indicating the part is intended for automated pick-and-place assembly lines.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the MH26TAG-R variant?
    • ⤷ How does a ceramic core inductor differ from a ferrite core inductor in RF applications?
    • ⤷ What are the recommended soldering profiles for this SMD component?