Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH26TCG-R

  • AI
    The **MH26TCG-R** is an electronic component primarily classified as a **High-Frequency SAW (Surface Acoustic Wave) Filter**. It is commonly utilized in wireless communication infrastructure to manage signal integrity and isolate specific frequency bands. ### 1. General Specifications The following table outlines the typical technical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SAW Filter (Surface Acoustic Wave) | | **Frequency Range** | 2.5 GHz - 2.7 GHz (Typical for TC-Series) | | **Bandwidth** | Narrowband / Wideband variants available | | **Insertion Loss** | Low (Typically < 3.0 dB) | | **Input/Output Impedance** | 50 Ohms | | **Package Type** | SMD (Surface Mount Device) | --- ### 2. Functional Description The MH26TCG-R functions as a "gatekeeper" for radio frequency (RF) signals. Its primary roles include: * **Band-Pass Filtering:** It allows signals within a specific frequency range (the passband) to pass through with minimal loss while heavily attenuating (blocking) signals outside that range. * **Noise Reduction:** By filtering out out-of-band interference, it improves the Signal-to-Noise Ratio (SNR) for the receiver circuit. * **Selectivity:** In high-density signal environments (like 4G/5G base stations), it ensures that the device only processes the intended channel. ### 3. Key Electronic Characteristics * **Temperature Compensation (TC):** The "TC" in the part number often indicates Temperature Compensation. This means the filter is designed to maintain frequency stability even when the operating temperature of the device fluctuates significantly. * **Piezoelectric Material:** The internal substrate uses piezoelectric crystals (like Lithium Tantalate or Lithium Niobate) to convert electrical signals into mechanical acoustic waves and back again. * **Compact Footprint:** Designed for modern PCB layouts where space is at a premium, usually featuring a ceramic LCC (Leadless Chip Carrier) package. ### 4. Common Applications 1. **Telecommunications Infrastructure:** Used in Macro Cells and Small Cells for LTE and 5G networks. 2. **RF Front-End Modules:** Integrated into the signal chain between the antenna and the transceiver. 3. **Satellite Communications:** Managing specific uplink/downlink frequency bands. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a SAW filter and a BAW filter?
    • ⤷ How does temperature compensation improve the performance of this component?
    • ⤷ What are the typical mounting requirements for SMD SAW filters?