Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH31FAD-R

  • AI
    The **MH31FAD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are fundamental in power management circuits, particularly for DC-DC converters and voltage regulation modules. --- ### 1. Technical Specifications Below are the typical technical parameters associated with the MH31 series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Power Inductor | SMD / Shielded | | **Inductance Range** | Magnetic flux storage | 1.0µH - 100µH (varies) | | **Current Rating (Isat)** | Saturation Current | Depends on specific sub-value | | **DC Resistance (DCR)** | Internal resistance | Low (mΩ range) | | **Operating Temp** | Thermal limits | -40°C to +125°C | | **Packaging** | Reel Format | Tape & Reel (indicated by -R) | ### 2. Physical Construction The MH31FAD-R is designed with high-efficiency materials to handle power loads while minimizing energy loss: * **Magnetic Shielding:** The "FAD" designation often implies a shielded construction. This prevents electromagnetic interference (EMI) from affecting nearby components on the PCB. * **Ferrite Core:** Utilizes a ferrite material that provides high permeability and low core losses at high frequencies. * **Compact Footprint:** The "31" in the part number usually refers to the physical dimensions (e.g., 3.0mm x 3.0mm x 1.2mm). ### 3. Circuit Functions In an electronic assembly, this part serves three primary roles: 1. **Energy Storage:** In switching power supplies, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out ripples in the output voltage. 3. **Noise Suppression:** It blocks high-frequency noise from traveling through the power rails. ### 4. Common Applications * **Mobile Devices:** Smartphones and tablets for battery power management. * **Computing:** Power delivery for CPUs and GPUs in laptops. * **IoT Modules:** Compact sensors requiring efficient voltage stepping. * **Automotive Electronics:** Infotainment systems and dashboard clusters. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the MH31FAD-R model?
    • ⤷ How does magnetic shielding in the MH31 series reduce EMI?
    • ⤷ What are the recommended soldering profiles for this SMD component?