Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH31FDG-R

  • AI
    The **MH31FDG-R** is a specialized high-voltage electronic component, specifically a **High Voltage Silicon Rectifier Diode**. These are commonly manufactured by companies like *Origin Electric* and are designed for high-frequency switching and power supply rectification in high-voltage environments. --- ### 1. Key Technical Specifications Below is a summary of the typical characteristics for this class of high-voltage diodes: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Peak Reverse Voltage ($V_{RRM}$)** | 3.0 kV to 5.0 kV | Maximum voltage the diode can withstand in reverse. | | **Average Forward Current ($I_O$)** | ~100 mA to 300 mA | The maximum continuous current it can handle. | | **Reverse Recovery Time ($t_{rr}$)** | < 100 ns | Time taken to stop conducting once voltage is reversed. | | **Mounting Type** | Through-Hole | Standard axial lead package. | | **Forward Voltage Drop ($V_F$)** | ~5V - 10V | Voltage loss across the diode when conducting. | --- ### 2. Functional Characteristics The "FDG" designation often points to specific performance traits: * **Fast Recovery:** Designed to switch off very quickly, making them efficient for high-frequency applications like CRT monitors or laser power supplies. * **Molded Resin Construction:** Typically encased in a high-insulation epoxy resin to prevent electrical arcing at high voltages. * **Glass Passivation:** Many "G" suffix parts feature glass-passivated chips for enhanced reliability and stability under high thermal stress. --- ### 3. Common Applications Due to its high voltage rating and fast switching capabilities, the MH31FDG-R is used in: 1. **X-Ray Power Supplies:** Rectifying high-voltage AC into DC for medical or industrial imaging. 2. **Laser Equipment:** Powering CO2 or solid-state laser tubes. 3. **High-Voltage Multipliers:** Used in "Cockcroft-Walton" circuits to step up voltage. 4. **Air Purifiers:** Generating the high-voltage ion field for electrostatic precipitators. --- ### 4. Precautions for Use * **Polarity:** Ensure the cathode (marked with a band) is correctly oriented to avoid immediate breakdown. * **Heat Dissipation:** While small, these diodes can generate heat during high-frequency switching; ensure adequate airflow. * **Insulation:** Maintain proper clearance distances between leads on the PCB to prevent high-voltage "tracking" or sparks across the board surface.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MH31FDG-R diode?
    • ⤷ How do you test a high-voltage diode using a standard multimeter?
    • ⤷ What is the specific peak repetitive reverse voltage (VRRM) for the MH31 variant?