Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH33FAD-R

  • AI
    The **MH33FAD-R** is an electronic component primarily classified as a **Hall Effect Switch IC**. These sensors are widely used in consumer electronics, automotive systems, and industrial automation to detect the presence of a magnetic field. --- ### 1. Key Technical Specifications The MH33FAD-R is designed for high sensitivity and low power consumption. Below are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Technology** | CMOS Hall Effect | | **Output Type** | Digital (Open Drain) | | **Sensitivity** | High (Omnipolar) | | **Operating Voltage** | 1.8V to 5.5V | | **Current Consumption** | ~5µA (Average) | | **Operating Temp Range** | -40°C to +85°C | | **Package Type** | SOT-23 / TO-92S | --- ### 2. Core Functional Components The internal architecture of the MH33FAD-R consists of several critical stages: 1. **Hall Element:** The transducer that converts magnetic flux density into an electrical voltage. 2. **Chopper-Stabilized Amplifier:** Used to minimize offset voltage and temperature drift, ensuring stable switching points. 3. **Digital Logic Control:** Manages the "Sleep/Awake" cycles to maintain ultra-low power consumption. 4. **Output Driver:** An open-drain NMOS transistor that switches state when the magnetic threshold is met. --- ### 3. Magnetic Characteristics (Omnipolar Operation) Unlike unipolar sensors (which only respond to a North or South pole), the MH33FAD-R is **Omnipolar**. This means: * **South Pole:** Turning the sensor ON when the South pole is near. * **North Pole:** Turning the sensor ON when the North pole is near. * **Release:** Turning the sensor OFF when the magnet is removed. --- ### 4. Common Applications Due to its small footprint and battery-saving features, it is typically found in: * **Lid/Flip Sensing:** Detecting if a laptop or smartphone case is closed. * **Smart Meters:** Detecting magnetic tampering or measuring flow. * **Handheld Devices:** Proximity sensing in tablets and digital cameras. * **Contactless Switches:** Replacing mechanical buttons to increase durability. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an Omnipolar and a Unipolar Hall Effect sensor?
    • ⤷ How do I connect the MH33FAD-R to a microcontroller like an Arduino?
    • ⤷ What is the specific 'Magnetic Operate Point' (Bop) for the MH33FAD-R?