Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH33TAD-R

  • AI
    The **MH33TAD-R** is an electronic component primarily classified as a **Magnetic Sensor** (specifically a Hall Effect Sensor). These devices are commonly used in automotive, industrial, and consumer electronics to detect position, speed, or movement by sensing magnetic fields. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MH33TAD-R belongs to a family of high-sensitivity Hall Effect ICs. It is designed to switch its output state based on the presence and polarity of a magnetic field. | Feature | Description | | :--- | :--- | | **Type** | Unipolar Hall Effect Switch | | **Package** | SOT-23 (Surface Mount) or TO-92S (Through-hole) | | **Technology** | CMOS Process | | **Output Type** | Open-Drain / Open-Collector | | **Operating Voltage** | Typically 2.5V to 24V | --- ### 2. Key Electronic Components Inside Internal to the chip, several sub-circuits work together to provide a clean digital signal: 1. **Hall Element:** The transducer that converts magnetic flux density into an electrical voltage (the Hall Voltage). 2. **Voltage Regulator:** Ensures the sensor can operate across a wide range of supply voltages without fluctuating performance. 3. **Chopper-Stabilized Amplifier:** Reduces offset voltage and minimizes the impact of thermal stress/noise. 4. **Schmitt Trigger:** Provides hysteresis, ensuring a clean "High" or "Low" transition without oscillation when the magnetic field is near the threshold. 5. **Output Driver:** An open-drain MOSFET that allows the sensor to interface with various logic levels (TTL, CMOS). --- ### 3. Pin Configuration (SOT-23 Package) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VDD** | Supply Power (Input) | | 2 | **OUT** | Digital Output (Requires pull-up resistor) | | 3 | **GND** | Ground | --- ### 4. Working Principle The MH33TAD-R is **Unipolar**, meaning it responds to a specific magnetic pole (usually the South pole). * **Activation:** When the magnetic flux density ($B$) exceeds the Operating Point ($B_{OP}$), the output transistor turns **ON** (Output goes Low). * **Release:** When the magnetic flux density drops below the Release Point ($B_{RP}$), the output transistor turns **OFF** (Output goes High via the external pull-up resistor). * **Hysteresis ($B_{HYS}$):** The difference between $B_{OP}$ and $B_{RP}$ prevents "chatter" or false switching in noisy environments. --- ### 5. Common Applications * **Contactless Switches:** Replacing mechanical switches for higher reliability. * **Proximity Detection:** Detecting when a door or lid is closed. * **Speed Sensing:** Counting revolutions of a gear or wheel equipped with a magnet. * **BLDC Motors:** Detecting rotor position for commutation. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical operating temperature range for the MH33TAD-R?
    • ⤷ Does this sensor require a specific value for the external pull-up resistor?
    • ⤷ How does a Unipolar Hall sensor differ from an Omnipolar or Bipolar sensor?