Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH33TCG-R

  • AI
    The **MH33TCG-R** is an electronic component, specifically an **Optical Sensor** or **Photointerrupter**, often used in precision machinery, printers, and automated industrial equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Functional Overview The MH33TCG-R is a **Transmissive Photointerrupter**. It consists of an infrared emitting diode (IRED) and a phototransistor (detector) facing each other across a small gap. When an object passes through this gap, it interrupts the light beam, changing the state of the electrical output. ## 2. Technical Specifications Typical electronic parameters for this class of sensor include: | Parameter | Type | Typical Value / Range | | :--- | :--- | :--- | | **Input (Emitter)** | Forward Current ($I_F$) | 50 mA (Max) | | **Input (Emitter)** | Reverse Voltage ($V_R$) | 5 V | | **Output (Detector)** | Collector-Emitter Voltage ($V_{CEO}$) | 30 V | | **Output (Detector)** | Collector Current ($I_C$) | 20 mA | | **Gap Width** | Sensing Distance | ~3.0 mm | | **Mounting Type** | Package Style | Through-hole (PCB) | ## 3. Key Electronic Parts Internals ### A. The Emitter (LED Side) * **Material:** Usually Gallium Arsenide (GaAs). * **Function:** Converts electrical energy into Infrared (IR) light. * **Circuit Note:** Requires a series resistor to limit current and prevent burnout. ### B. The Detector (Phototransistor Side) * **Material:** Silicon NPN Phototransistor. * **Function:** When it receives IR light, it allows current to flow from the Collector to the Emitter. When light is blocked, the transistor turns "OFF." * **Circuit Note:** Often used with a pull-up resistor to provide a digital High/Low signal to a microcontroller. --- ## 4. Pinout and Connection Most sensors in this series follow a 4-pin configuration: 1. **Anode (+):** Positive lead for the IR LED. 2. **Cathode (-):** Negative lead for the IR LED. 3. **Collector (C):** Output pin for the phototransistor. 4. **Emitter (E):** Ground/Common pin for the phototransistor. ## 5. Common Applications * **Paper Detection:** Finding the edge or presence of paper in printers/copiers. * **Optical Encoding:** Counting pulses from a slotted wheel to measure motor speed. * **Limit Switching:** Detecting the "home" position of a moving mechanical arm.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the current limiting resistor for the IR LED in this sensor?
    • ⤷ What is the typical response time (rise/fall time) for the MH33TCG-R?
    • ⤷ Can this sensor be interfaced directly with a 5V Arduino or ESP32?