Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH34FAD-R

  • AI
    The **MH34FAD-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**, typically utilized in brushless DC (BLDC) motor applications and position sensing. --- ## 1. Technical Specifications Below is a summary of the core electronic characteristics of the MH34FAD-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Hall Effect Sensor (Latching type) | | **Operating Voltage (Vcc)** | 3.0V to 24V | | **Output Current** | 25mA (Continuous) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 or TO-92S | | **Magnetic Sensitivity** | High sensitivity (Typical ±30 Gauss) | --- ## 2. Pin Configuration The device usually comes in a 3-pin package. The standard configuration for the SOT-23 version is as follows: 1. **VDD (Pin 1):** Power supply input (3V - 24V). 2. **OUT (Pin 2):** Open-drain output. Requires a pull-up resistor. 3. **GND (Pin 3):** Common ground. --- ## 3. Key Electronic Features * **Latching Operation:** The MH34FAD-R is a "latch" type sensor. This means it turns **ON** when it detects a South magnetic pole and remains ON even if the field is removed. It only turns **OFF** when it detects a North magnetic pole. * **Open-Drain Output:** The output stage is an NPN transistor. This allows the sensor to interface easily with various logic levels (3.3V, 5V, etc.) by connecting the pull-up resistor to the desired logic voltage. * **Reverse Voltage Protection:** It typically includes internal protection to prevent damage if the power supply polarity is accidentally reversed. * **Temperature Stability:** Designed to maintain consistent magnetic switching points across a wide temperature range, making it suitable for automotive and industrial environments. --- ## 4. Common Applications * **BLDC Motors:** Used for commutation (detecting rotor position to switch phases). * **Speed Sensing:** Measuring the RPM of rotating parts by detecting passing magnets. * **Magnetic Encoders:** Providing digital feedback for position control. * **Proximity Switches:** Non-contact limit switching in industrial machinery.
    ✨ Follow-up Questions
    • ⤷ What is the recommended value for the pull-up resistor on the OUT pin?
    • ⤷ Can this sensor be used for linear distance measurement instead of switching?
    • ⤷ How does the 'latching' behavior differ from a 'bipolar' Hall effect sensor?