Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH34TAD-R

  • AI
    The **MH34TAD-R** is a specific electronic component, typically categorized as a **Magnetic Sensor (Hall Effect Sensor)** or a **Magnetic Switch IC**, commonly manufactured by companies like Magnesensor Technology (MST). Below is a detailed breakdown of its specifications, internal architecture, and applications. --- ## 1. Technical Specifications The MH34TAD-R is designed for high-sensitivity magnetic detection. Its key electrical characteristics include: | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.5V to 5.5V | | **Output Type** | Open-Drain (requires pull-up resistor) | | **Magnetic Sensitivity** | High Sensitivity (Unipolar or Omnipolar depending on batch) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-23 (Surface Mount) | | **Current Consumption** | Low power consumption (uA range) | --- ## 2. Internal Components & Architecture The IC is not just a simple sensor; it is an integrated circuit containing several functional blocks: * **Hall Element:** The primary transducer that converts magnetic flux density into a small voltage signal (Hall Voltage). * **Voltage Regulator:** Ensures the internal circuitry operates stably despite fluctuations in the input $V_{CC}$. * **Chopper Stabilization:** A circuit technique used to cancel offset voltages and reduce noise, ensuring high stability across temperature changes. * **Schmitt Trigger:** Provides hysteresis, meaning the "switch-on" and "switch-off" magnetic thresholds are different. This prevents output flickering when the magnet is near the threshold. * **Output Driver:** An open-drain transistor that allows the sensor to interface with various logic levels (3.3V, 5V, etc.). --- ## 3. Pin Configuration (SOT-23) The device usually follows a standard 3-pin configuration: 1. **$V_{DD}$ / $V_{CC}$:** Positive Power Supply. 2. **GND:** Ground. 3. **OUT:** Signal Output (Logic Low when magnetic field is detected). --- ## 4. Typical Applications The MH34TAD-R is preferred in consumer electronics and industrial tools where mechanical switches are too bulky or prone to wear. * **Proximity Sensing:** Detecting the presence of a magnet in folders, lids, or doors. * **Speed Measurement:** Used in motor tachometers to count rotations. * **Limit Switches:** Non-contact end-stop detection in 3D printers or CNC machines. * **Smart Covers:** Used in tablets and smartphones to wake/sleep the screen when a magnetic cover is closed. --- ## 5. Implementation Circuit To use the MH34TAD-R with a microcontroller (like an Arduino or STM32), a pull-up resistor is required: ```cpp // Basic logic for reading MH34TAD-R int sensorPin = 2; // Connected to OUT pin int val = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Internal or external pull-up required Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == LOW) { Serial.println("Magnet Detected!"); } } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between Unipolar and Omnipolar versions of this sensor?
    • ⤷ How do I calculate the required pull-up resistor value for the Open-Drain output?
    • ⤷ What are the specific Magnetic Operate (Bop) and Release (Brp) points for this part?