Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH35TAG-R

  • AI
    The **MH35TAG-R** refers to a high-precision, wireless absolute encoder or manual pulse generator (MPG) component, frequently used in CNC machinery and industrial automation. Below is a breakdown of its electronic parts and functional characteristics. --- ## 1. Core Electronic Components The device is composed of several critical electronic subsystems that allow it to translate physical rotation into digital data. | Component Type | Description | Function | | :--- | :--- | :--- | | **Optical/Magnetic Sensor** | High-resolution scanning disk or magnetic array. | Detects the rotational movement of the dial. | | **Encoder ASIC** | Application-Specific Integrated Circuit. | Processes raw sensor signals into digital pulses. | | **Wireless Module** | RF Transceiver (usually 2.4GHz). | Transmits the data to the CNC controller without cables. | | **Microcontroller (MCU)** | Low-power CPU. | Manages power, signal debounce, and communication protocols. | | **Power Management** | Voltage regulators and battery protection. | Manages DC power (typically 3V or 5V via batteries). | --- ## 2. Technical Specifications The electronics are designed for high reliability in environments with electromagnetic interference (EMI). * **Resolution:** Usually provides 100 pulses per revolution (PPR). * **Signal Output:** A, B phase (quadrature signals) for direction and speed detection. * **Transmission Range:** Typically 10 to 50 meters depending on obstacles. * **Frequency Hopping:** Many "R" (Receiver) versions use FHSS (Frequency-Hopping Spread Spectrum) to prevent interference from other wireless devices. --- ## 3. Signal Interface and Wiring The receiver unit connected to the CNC controller typically features a specific pinout: ```yaml Pinout_General: VCC: Power supply input (usually 5V or 12V-24V DC) 0V: Ground A/B: Phase signals for pulse counting A-/B-: Differential signals (for noise immunity) Emergency_Stop: Dedicated circuit for safety override Axis_Select: Digital inputs for X, Y, Z, 4, 5, 6 selection ``` --- ## 4. Operational Features 1. **Anti-Interference Electronics:** Built-in hardware filters to prevent "ghost pulses" caused by nearby motors or high-voltage lines. 2. **Low Power Consumption:** The electronic design focuses on battery longevity, often including a "Sleep Mode" when the dial is stationary. 3. **LED Indicators:** Electronic status lights for Link (connection), Low Battery, and Signal strength.
    ✨ Follow-up Questions
    • ⤷What is the typical battery life for the MH35TAG-R transmitter?
    • ⤷ How do you sync the wireless receiver with the manual pulse generator?
    • ⤷ Which CNC controllers are most compatible with this specific model?