Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH35TCD-R

  • AI
    The **MH35TCD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically utilized in high-precision cooling fans or industrial machinery. Below is an overview of its electronic components, technical specifications, and internal structure. --- ## 1. Core Technical Specifications The "MH35TCD-R" designation usually refers to a high-efficiency motor part. Here are the typical electrical parameters associated with this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 12V / 24V DC (Model dependent) | | **Bearing Type** | Dual Ball Bearing (indicated by 'B' or 'R' suffixes) | | **Material** | Thermoplastic PBT (Frame/Impeller) | | **Connection** | 3-Wire or 4-Wire (PWM/Tachometer) | --- ## 2. Key Electronic Components The "Electronic Parts" of this device consist of the **Internal Control Circuitry (PCB)** located behind the rotor. The main elements include: ### A. Integrated Circuit (IC) Driver The brain of the unit is a small IC that handles **Commutation**. Since BLDC motors do not have brushes, the IC electronically switches the current to the stator coils to keep the motor spinning. ### B. Hall Effect Sensor This sensor detects the position of the permanent magnets in the rotor. It sends this data to the IC to ensure the timing of the electrical pulses is perfectly synchronized with the motor's rotation. ### C. Protection Circuitry * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped. * **Locked Rotor Protection:** Automatically cuts or reduces power if the fan/motor is physically obstructed to prevent the coils from burning out. * **Auto-Restart:** Periodically attempts to restart the motor once an obstruction is removed. --- ## 3. Wiring Configuration The "R" in the model name often signifies a specific wiring or signal output (like a **Tachometer/Rotation detector**). | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply | | **Black** | GND | Ground / Negative | | **Yellow/White** | FG (Frequency Generator) | Output signal for speed monitoring (Tachometer) | | **Blue (if 4-wire)** | PWM | Pulse Width Modulation for speed control | --- ## 4. Applications Due to its electronic stability and long-life bearings, the MH35TCD-R is commonly found in: 1. **Server Cooling:** Constant high-speed operation. 2. **Medical Equipment:** Low-noise, high-reliability requirements. 3. **Industrial Power Supplies:** To manage heat dissipation in 24/7 environments.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3-wire and 4-wire versions of this motor?
    • ⤷ How does 'Locked Rotor Protection' physically protect the electronic PCB?
    • ⤷ What are the specific voltage tolerances for the MH35TCD-R?