Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH36TAG-R

  • AI
    The **MH36TAG-R** is a specific electronic component primarily categorized as an **NFC (Near Field Communication) / RFID Tag**. It is commonly utilized in asset tracking, electronic shelf labeling, and wireless identification systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The MH36TAG-R operates as a passive electronic device, meaning it draws power from the electromagnetic field generated by an RFID/NFC reader. | Parameter | Specification | | :--- | :--- | | **Frequency** | 13.56 MHz (HF - High Frequency) | | **Protocol** | ISO/IEC 14443A or NFC Forum Type 2/4 | | **Operating Temperature** | -25°C to +70°C (Typical) | | **Antenna Type** | Integrated PCB or Etched Foil | | **Memory Capacity** | Varies (Typically 144 bytes to 1KB depending on IC) | | **Read Range** | 2cm to 10cm (Depending on reader power) | --- ## 2. Core Electronic Components The device is composed of three main architectural elements: ### A. The IC (Integrated Circuit) This is the "brain" of the tag. It contains: * **Modulator/Demodulator:** Converts analog radio signals into digital data. * **EEPROM:** Non-volatile memory that stores the unique ID (UID) and user-programmable data. * **Power Management Unit:** Rectifies the RF field into a DC voltage to power the chip. ### B. The Resonant Loop Antenna The antenna is usually a copper or aluminum coil. It is tuned to a specific resonance frequency (13.56 MHz). When placed near a reader, Inductive Coupling occurs, allowing data transfer. ### C. Encapsulation/Substrate The "R" suffix often denotes a specific form factor (such as **Round** or **Ruggedized**). The electronics are encased in PET, PVC, or Epoxy to protect the delicate silicon die from moisture and physical stress. --- ## 3. Typical Applications The MH36TAG-R is widely used in industrial and consumer electronics for: 1. **Inventory Management:** Tracking high-value items via automated scanning. 2. **Access Control:** Used in key fobs or stickers for secure entry. 3. **Smart Posters:** Allowing smartphones to trigger URLs or apps via NFC. 4. **Product Authentication:** Verifying that a luxury good or electronic part is genuine. --- ## 4. Signal Communication Flow The electronic interaction follows these steps: 1. **Carrier Field:** The reader emits a 13.56 MHz magnetic field. 2. **Activation:** The MH36TAG-R antenna picks up the field, and the internal capacitor charges. 3. **Load Modulation:** The IC switches an internal load on and off, changing the reflection of the magnetic field. 4. **Data Exchange:** The reader detects these tiny fluctuations as binary data (0s and 1s).
    ✨ Follow-up Questions
    • ⤷ What is the exact memory size of the MH36TAG-R variant?
    • ⤷ Is the MH36TAG-R compatible with standard Android and iOS NFC readers?
    • ⤷ What are the mounting requirements to avoid interference with metal surfaces?