Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH38FAG-R

  • AI
    The **MH38FAG-R** is a specific electronic component, typically categorized as an **Electromagnetic Passive Buzzer** or an **Audio Transducer**, often used in automotive and industrial electronics. Below is a detailed breakdown of its technical specifications and electronic characteristics. --- ### 1. General Specifications The MH38FAG-R is designed to convert electrical signals into sound via an internal electromagnetic coil and a vibrating metal diaphragm. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromagnetic Transducer (Passive) | | **Rated Voltage** | 1.5V - 12V DC (depending on circuit) | | **Current Consumption** | Max 30mA - 40mA | | **Resonant Frequency** | ~2,000 Hz to 2,700 Hz | | **Sound Pressure Level** | ≥ 85 dB at 10cm | | **Mounting Type** | Through-hole (DIP) | --- ### 2. Internal Electronic Parts The device consists of several key physical and electronic elements: * **Electromagnetic Coil:** A coil of fine copper wire that generates a magnetic field when current passes through it. * **Permanent Magnet:** Provides a static magnetic field to interact with the coil's field. * **Diaphragm:** A thin metallic plate (often iron) that moves back and forth rapidly to create sound waves. * **Housing:** Usually a PBT (Polybutylene terephthalate) plastic shell designed to resonate at a specific frequency to amplify the sound. --- ### 3. Driving Circuitry (How to use it) Since this is a **Passive** part (Transducer), it does not have an internal oscillator. You cannot simply apply a DC voltage to make it sound; it requires a square wave signal. #### Example Connection Diagram To drive this component using a microcontroller (like an Arduino or ESP32), a transistor is required because the current draw is higher than a standard GPIO pin can provide. ```cpp // Example Arduino Code to drive MH38FAG-R int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2400); // Send a 2.4kHz square wave delay(500); // Sound for 0.5 seconds noTone(buzzerPin); // Silence delay(500); } ``` --- ### 4. Application Areas * **Automotive:** Turn signal indicators, reverse sensors, or dashboard alerts. * **Appliances:** Microwave "end of cycle" beepers or washing machine alerts. * **Medical Devices:** Heart rate monitors or error indicators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this passive transducer and an active buzzer?
    • ⤷ Can I drive the MH38FAG-R directly from a 3.3V GPIO pin without a transistor?
    • ⤷ What is the recommended resonant frequency for maximum volume on this model?