Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH38FBG-R

  • AI
    The **MH38FBG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is used in electronic circuits to provide a precise and stable clock signal for microprocessors, communication modules, and timing circuits. --- ### 1. Technical Specifications The part number "MH38FBG-R" generally breaks down into the following technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal (SMD) | | **Package Size** | 3.2mm x 2.5mm (approx.) | | **Standard Frequency** | Typically 32.768 kHz (or specific MHz variant) | | **Load Capacitance** | Generally 7pF to 12.5pF | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Functional Description This component serves as the "heartbeat" of an electronic system. Its primary functions include: * **Frequency Generation:** It uses the mechanical resonance of a vibrating crystal of piezoelectric material to create an electrical signal with a very precise frequency. * **Timekeeping:** In the 32.768 kHz configuration, it is used for Real-Time Clocks (RTC), allowing devices to keep track of time even when in sleep mode. * **Stability:** Designed to maintain a consistent frequency across a wide range of operating temperatures. --- ### 3. Application Areas The MH38FBG-R is commonly found in the following devices: 1. **Consumer Electronics:** Smartphones, tablets, and digital cameras for internal clock management. 2. **IoT Devices:** Low-power sensors that require periodic "wake-up" signals. 3. **Computing:** Laptops and motherboards for RTC and BIOS functions. 4. **Wearables:** Smartwatches and fitness trackers where space-saving (SMD) packaging is critical. --- ### 4. Circuit Symbol and Layout In a PCB schematic, the MH38FBG-R is represented by a crystal symbol (two parallel lines between two T-shaped terminals). * **Footprint:** It typically features 2 or 4 metallic pads on the bottom for soldering. * **Note:** If it is a 4-pad version, two pads are usually connected to the crystal, while the other two are often grounded to reduce electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active oscillator and a passive crystal like the MH38FBG-R?
    • ⤷ How do I calculate the load capacitors needed for this crystal?
    • ⤷ What are the common failure modes for quartz crystals in electronic circuits?