Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH41TAG-R

  • AI
    The **MH41TAG-R** is a specific type of passive Radio Frequency Identification (RFID) tag, commonly utilized in logistics, security, and asset tracking. Below is a detailed breakdown of its electronic components and functional characteristics. ### 1. Technical Specifications The MH41TAG-R typically operates within the High Frequency (HF) band. | Feature | Specification | | :--- | :--- | | **Frequency** | 13.56 MHz (HF) | | **Protocol** | ISO/IEC 14443A (Mifare Compatible) | | **IC Type** | Integrated Circuit (usually NXP or compatible chip) | | **Memory Capacity** | Typically 1K Byte (organized in sectors) | | **Operating Temp** | -20°C to +70°C | | **Form Factor** | Keyfob / Token style (Hard Plastic) | --- ### 2. Internal Electronic Components Despite its simple appearance, the tag consists of three primary electronic elements encapsulated in the resin/plastic shell: #### A. The Silicon Chip (Integrated Circuit) This is the "brain" of the tag. It contains: * **EEPROM:** Non-volatile memory to store identification numbers and user data. * **RF Interface:** Circuits to modulate and demodulate the radio signal. * **Logic Unit:** Handles security authentication and anti-collision protocols. #### B. The Antenna Coil Since the MH41TAG-R is a **passive tag**, it does not have a battery. * **Inductive Coupling:** The antenna is a multi-turn copper coil. When placed in the magnetic field of a reader, it picks up energy via induction to power the chip. * **Data Transmission:** It uses the same coil to send data back to the reader by "Load Modulation." #### C. Tuning Capacitor * To ensure the tag operates exactly at 13.56 MHz, a small capacitor is integrated into the chip or the substrate to create a **resonant LC circuit** with the antenna coil. --- ### 3. Functional Mechanism The electronic operation follows these steps: 1. **Energy Harvesting:** The reader emits a 13.56 MHz electromagnetic field. The tag's internal coil converts this field into a small electrical current. 2. **Activation:** Once the voltage reaches a threshold, the internal IC "wakes up." 3. **Authentication:** The tag and reader perform a handshake (often using encrypted keys if it is a Mifare-based chip). 4. **Data Exchange:** The tag transmits its Unique Identifier (UID) or the requested memory block data back to the reader. --- ### 4. Common Applications * **Access Control:** Keyless entry for offices and apartment buildings. * **Time & Attendance:** Employee clock-in systems. * **Stored Value:** Closed-loop payments (e.g., laundry, cafeterias).
    ✨ Follow-up Questions
    • ⤷ What is the maximum read range for the MH41TAG-R?
    • ⤷ Is the MH41TAG-R compatible with NFC smartphones?
    • ⤷ Can the data on this tag be encrypted for higher security?