Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH41TCG-R

  • AI
    The **MH41TCG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in telecommunications and high-precision timing applications. Below is a breakdown of its technical characteristics and internal parts. ### 1. General Specifications The MH41TCG-R belongs to the category of high-stability frequency control components. | Feature | Description | | :--- | :--- | | **Component Type** | Quartz Crystal Oscillator (SMD Type) | | **Package Size** | Typically 7.0 x 5.0 mm or 5.0 x 3.2 mm (Standard MH Series) | | **Mounting Type** | Surface Mount (SMT) | | **Termination** | Gold-plated pads (usually 4 pads) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ### 2. Electronic Internal Parts & Construction An oscillator like the MH41TCG-R is not a single piece of material but an assembly of several specialized parts: 1. **Quartz Crystal Blank:** * The "heart" of the component. It is a thin slice of synthetic quartz cut at a specific angle (likely AT-cut) to vibrate at a precise frequency when an electrical field is applied. 2. **Electrodes:** * Thin layers of silver or gold evaporated onto the surfaces of the quartz blank to facilitate the electrical connection. 3. **IC (Integrated Circuit):** * Since this is an oscillator (and not just a crystal), it contains a small CMOS or BiCMOS chip. This IC provides the feedback loop and drive strength necessary to maintain the oscillation. 4. **Ceramic Base/Substrate:** * A multi-layer ceramic housing that provides mechanical support and electrical insulation. 5. **Kovar Lid:** * A metal lid (usually an alloy of nickel-cobalt-iron) that is seam-sealed to the ceramic base to create a vacuum or nitrogen-filled hermetic environment. --- ### 3. Pin Configuration (Typical 4-Pad Layout) The "41" in the series often denotes a standard 4-pin configuration: | Pad Number | Function | Description | | :--- | :--- | :--- | | **1** | OE or NC | Output Enable (Tri-state) or No Connection | | **2** | GND | Circuit Ground | | **3** | Output | The frequency signal (Square wave) | | **4** | Vdd | Positive Power Supply (e.g., 3.3V or 5V) | --- ### 4. Key Performance Indicators * **Frequency Stability:** Expressed in PPM (Parts Per Million). These units typically range from ±25ppm to ±100ppm depending on the specific sub-grade. * **Operating Temperature:** Generally rated for -40°C to +85°C (Industrial Grade). * **Output Logic:** Usually CMOS/TTL compatible. --- ### 5. Common Applications * **Networking:** Routers, switches, and modems. * **Industrial:** PLCs and automation control boards. * **Computing:** Motherboards and peripheral timing.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the MH41TCG-R model?
    • ⤷ How does the 'Output Enable' pin function in this oscillator?
    • ⤷ What are the recommended soldering profiles for this SMD component?