Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH41TDD-R

  • AI
    The **MH41TDD-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch). These are momentary push-button switches commonly used in low-power interface circuits. --- ## 1. Component Specifications The MH41TDD-R is designed for surface-mount applications where space is limited and a physical "click" feedback is required for the user. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Tactile Switch | | **Circuitry** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuator Style** | Standard Round Button | | **Contact Current Rating** | 50mA @ 12VDC | | **Operating Force** | ~160gf to 250gf (Depending on sub-variant) | | **Travel distance** | 0.25mm | --- ## 2. Pinout and Internal Structure The internal mechanism consists of a metal dome that collapses when pressed, bridging two contacts to complete the circuit. ### Pin Configuration 1. **Terminals 1 & 2:** Connected internally (usually on the same side). 2. **Terminals 3 & 4:** Connected internally. 3. **Switch Action:** Pressing the button connects (1,2) to (3,4). --- ## 3. Key Electronic Characteristics When integrating the MH41TDD-R into a circuit, engineers must consider the following electronic factors: ### A. Contact Bounce (Debouncing) Like all mechanical switches, this part suffers from "contact bounce." When the button is pressed, the signal fluctuates between HIGH and LOW for a few milliseconds (usually <10ms) before stabilizing. * **Solution:** Use a capacitor (Hardware debouncing) or a software delay in the microcontroller code. ### B. Pull-up/Pull-down Resistors Since this is a momentary switch, it should be used with a pull-up or pull-down resistor to prevent a "floating" state when the button is not pressed. ```cpp // Example: Arduino pseudocode for MH41TDD-R void setup() { pinMode(2, INPUT_PULLUP); // Using internal pull-up resistor } void loop() { int buttonState = digitalRead(2); if (buttonState == LOW) { // Switch is pressed (circuit completed to GND) } } ``` --- ## 4. Common Applications Due to its small footprint and reliability, the MH41TDD-R is found in: * **Consumer Electronics:** Remote controls, microwave panels, and calculators. * **Computer Peripherals:** Reset buttons on motherboards or mode switches on mice. * **Industrial:** Interface panels for PLC controllers.
    ✨ Follow-up Questions
    • ⤷What is the footprint dimensions for the MH41TDD-R PCB layout?
    • ⤷ How do I implement a hardware debounce circuit for this switch?
    • ⤷ What are the environmental temperature ratings for this component?