Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH42FAD-R

  • AI
    ## Overview of the MH42FAD-R The **MH42FAD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically used in cooling fans for industrial equipment, servers, and high-performance electronics. It is manufactured by companies like Nidec or similar specialized motor firms. --- ### 1. Key Technical Specifications The "R" suffix usually denotes a specific wiring configuration or a sensor output (like a Tacho/Frequency Generator signal). | Parameter | Typical Value/Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Voltage Rating** | 12V or 24V DC (Model dependent) | | **Current Draw** | Low to Medium (approx. 0.05A - 0.20A) | | **Bearing Type** | Dual Ball Bearing or Fluid Dynamic | | **Output Signal** | RD (Rotation Detector) or FG (Frequency Generator) | | **Size/Form Factor** | 40mm x 40mm (Typical for 42 series) | --- ### 2. Internal Electronic Components To operate, the MH42FAD-R contains an integrated PCB inside the motor hub. Here are the core electronic parts: #### A. Hall Effect Sensor * **Function:** Detects the position of the permanent magnet rotor. * **Role:** Sends feedback to the controller to ensure the coils are energized in the correct sequence (commutation). #### B. Motor Driver IC * **Function:** An H-bridge or three-phase driver chip. * **Role:** Swaps the polarity of the electromagnets to keep the motor spinning. It often includes thermal shutdown and over-current protection. #### C. The "R" Signal Circuitry (Rotation Detector) * **Function:** Open-collector output. * **Role:** The "R" in the part number often stands for a **Lock Sensor**. If the fan blades are obstructed and stop spinning, this pin sends a "High" signal to the motherboard or PLC to trigger an alarm. #### D. Protection Components * **Diodes:** Prevent damage from reverse polarity (connecting +/- backwards). * **Capacitors:** Decouple noise to prevent electromagnetic interference (EMI) from affecting other electronics. --- ### 3. Wiring and Pinout Most versions of this motor use a 3-wire or 4-wire interface: 1. **Red (+):** Positive DC Power. 2. **Black (-):** Ground/GND. 3. **Yellow/White (R):** The Signal wire (Rotation Detector or Tacho). 4. **Blue (Optional):** PWM signal for speed control. --- ### 4. Common Applications * **Server Cooling:** High reliability for 24/7 operation. * **Industrial Power Supplies:** Active cooling for MOSFETs and transformers. * **Medical Equipment:** Low-noise thermal management.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an 'R' (Rotation Detector) signal and an 'F' (Frequency Generator) signal?
    • ⤷ How do I test the MH42FAD-R if the fan is not spinning?
    • ⤷ Can this motor be controlled using an Arduino PWM signal?