Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH43FAG-R

  • AI
    The **MH43FAG-R** is a specific model of a **Brushless DC (BLDC) Fan Motor**, typically manufactured by Nidec (or its subsidiaries). These motors are engineered for high-efficiency cooling in household appliances, most commonly found in **refrigerators** (evaporator or condenser cooling). --- ## 1. Technical Specifications The "MH43FAG-R" designation refers to a precise set of electrical and physical characteristics. | Parameter | Typical Value | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 12V DC (Standard range 10V - 14V) | | **Current Rating** | ~0.15A to 0.25A (Varies by load) | | **Power Consumption** | Approximately 2W - 3W | | **Rotational Speed** | 2000 - 3000 RPM (Variable via PWM) | | **Bearing Type** | Long-life sleeve or ball bearing | --- ## 2. Key Electronic Components Inside the motor housing, there is a small PCB (Printed Circuit Board) that manages the operation of the motor. ### A. Integrated Circuit (IC) Driver Unlike brushed motors, BLDC motors require an electronic controller to switch the polarity of the electromagnets. * **Function:** It senses the rotor position and energizes the appropriate stator coils. * **Communication:** Often supports **PWM (Pulse Width Modulation)** for variable speed control based on the refrigerator's temperature sensor data. ### B. Hall Effect Sensor * **Purpose:** This sensor detects the magnetic field of the rotor's permanent magnets. * **Feedback:** It tells the Driver IC exactly when to "fire" the coils to maintain smooth rotation and provides a "Tachometer" (FG) signal back to the main control board to confirm the fan is spinning. ### C. Protection Circuitry * **Locked Rotor Protection:** If the fan blade is obstructed (e.g., by ice), the electronics will cut power to the coils to prevent the motor from overheating or burning out. * **Reverse Polarity Protection:** Prevents damage if the DC wires are connected backwards. --- ## 3. Wiring Configuration The MH43FAG-R usually features a 3-wire or 4-wire connector: 1. **Red (VCC):** Positive 12V DC Supply. 2. **Black/Blue (GND):** Ground/Negative. 3. **White/Yellow (FG/Tacho):** Frequency Generator signal (outputs pulses to tell the fridge how fast the fan is spinning). 4. **Purple (PWM):** Speed control signal input (present on 4-wire versions). --- ## 4. Common Applications * **Refrigerator Evaporators:** Circulates cold air from the freezer coils into the fridge compartment. * **Condenser Cooling:** Dissipates heat from the compressor coils at the back/bottom of the unit. * **Wine Coolers:** Used for low-noise, high-reliability air circulation.
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing MH43FAG-R motor in a refrigerator?
    • ⤷ Can I test this BLDC motor using a standard 12V battery?
    • ⤷ How does the PWM signal affect the power consumption of this motor?