Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH43TAG-R

  • AI
    The **MH43TAG-R** refers to a specific type of **RFID/Transponder tag**, commonly used in automotive security systems, specifically for Mitsubishi and Honda vehicles (often associated with aftermarket or replacement remote keys). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Key Electronic Components A typical MH43TAG-R assembly consists of three primary electronic layers: | Component | Description | Function | | :--- | :--- | :--- | | **Transponder Chip** | Usually an NXP/Philips PCF series (e.g., PCF7961 or PCF7936). | Stores the unique security ID and handles encrypted communication with the vehicle's immobilizer. | | **PCB (Circuit Board)** | A multi-layer fiberglass board. | Connects the buttons, battery, and chip. | | **RF Transmitter** | 315MHz or 433MHz oscillator and antenna. | Sends the wireless signal to the Body Control Module (BCM) to lock/unlock doors. | | **Tactile Switches** | Micro-switches (Lock, Unlock, Trunk). | Physical interface for user input. | | **Inductor Coil** | Copper wire wound around a ferrite core. | Enables **Passive Entry**: It picks up magnetic energy from the ignition barrel to power the chip if the battery is dead. | --- ### 2. Technical Specifications The "MH43" designation generally points to the **ID46 (Hitag 2)** encryption protocol, which is a common standard for mid-2000s to 2010s Japanese vehicles. * **Frequency:** Usually **433 MHz** (European/International) or **315 MHz** (US/Japan). * **Modulation:** FSK (Frequency Shift Keying) or ASK (Amplitude Shift Keying). * **Battery Type:** Typically uses a **CR1616** or **CR2032** 3V Lithium coin cell. * **EEPROM:** Contains a small amount of rewritable memory for rolling code synchronization. --- ### 3. Operating Principle The electronics operate in two distinct modes: #### A. Active Mode (Remote Entry) 1. User presses a button. 2. The **battery** powers the PCB. 3. The **Transmitter** sends an encrypted RF signal to the car. 4. The car verifies the "Rolling Code" to prevent replay attacks. #### B. Passive Mode (Immobilizer) 1. The key is inserted into or placed near the ignition. 2. The car's ignition coil emits an electromagnetic field. 3. The **Inductor Coil** in the MH43TAG-R converts this field into electricity (Induction). 4. The **Transponder Chip** wakes up and exchanges security tokens with the car to allow the engine to start. --- ### 4. Programming Requirements Because these parts contain encrypted chips, the electronic "handshake" must be synchronized. * **EEPROM Data:** The chip comes "blank" or in a "virgin" state. * **Coding:** Requires a diagnostic tool (like an Autel, VVDI, or OBDSTAR) to write the vehicle's specific Secret Key into the chip's memory.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 315MHz and 433MHz versions of this tag?
    • ⤷ Can an MH43TAG-R chip be reused once it has been programmed to a vehicle?
    • ⤷ What specific battery model is recommended for the MH43TAG-R circuit board?