Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH43TDD-R

  • AI
    The **MH43TDD-R** is a specific model of a **TFT-LCD Display Module**, typically used in industrial equipment, medical devices, and high-end consumer electronics. It is manufactured by companies like **Mitsubishi** or affiliated display specialists. Below is a detailed breakdown of its electronic parts and technical specifications. --- ## 1. Core Technical Specifications The electronics of this module are designed for high-resolution output and reliable signal processing. | Feature | Specification | | :--- | :--- | | **Display Type** | TFT-LCD (Thin Film Transistor) | | **Screen Size** | 4.3 Inch (Diagonal) | | **Resolution** | 480 x 272 pixels (WQVGA) | | **Interface** | RGB 24-bit (Parallel) | | **Backlight** | White LED (WLED) | | **Brightness** | Typically 400 - 500 cd/m² | | **Color Depth** | 16.7 Million Colors | --- ## 2. Key Electronic Components ### A. The TFT Glass & Driver ICs The heart of the module is the liquid crystal layer controlled by integrated Source and Gate drivers. * **Source Drivers:** Manage the voltage levels for each column to determine color intensity. * **Gate Drivers:** Manage the rows, turning pixels on/off in sequence. * **Timing Controller (T-CON):** The "brain" that translates the incoming RGB signals from your microcontroller (MCU) or CPU into the specific timing needed by the source/gate drivers. ### B. Backlight Unit (BLU) The module uses a **LED string** (usually 7–10 LEDs in series) to provide illumination. * **Electronic Requirement:** Requires a Constant Current LED Driver. * **Voltage:** Usually requires ~15V to 25V depending on the internal wiring of the LEDs. ### C. The FPC (Flexible Printed Circuit) Connector This is the multi-pin "ribbon" that connects the screen to your mainboard. * **Pins:** Usually 40 or 50 pins. * **Signals carried:** Data (R0-R7, G0-G7, B0-B7), Clock (DCLK), Horizontal/Vertical Sync, and Power (VDD/VSS). ### D. Integrated Touch Controller (If 'T' variant includes Touch) If this specific revision includes a resistive or capacitive touch layer: * **Resistive:** Uses a 4-wire analog interface (X+, X-, Y+, Y-). * **Capacitive:** Includes an I2C-based controller chip (like a Goodix or FocalTech IC) mounted directly on the FPC. --- ## 3. Electrical Characteristics To operate the MH43TDD-R, the following electronic parameters must be met: * **Logic Voltage (VDD):** Typically **3.3V**. Exceeding 3.6V can damage the internal T-CON. * **Signal Level:** LVCMOS 3.3V. * **Backlight Current:** Usually set to **20mA**. Over-driving this shortens the lifespan of the LEDs and causes thermal issues. --- ## 4. Typical Pinout Logic (40-Pin Standard) ```markdown 1. VLED- (Ground for Backlight) 2. VLED+ (Power for Backlight) 3. GND 4. VDD (3.3V Logic Power) 5-12. R0-R7 (Red Data) 13-20. G0-G7 (Green Data) 21-28. B0-B7 (Blue Data) 29. GND 30. DCLK (Pixel Clock) 31. DISP (Display ON/OFF) 32. HSYNC (Horizontal Sync) 33. VSYNC (Vertical Sync) 34. DE (Data Enable) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 40-pin connector on the MH43TDD-R?
    • ⤷ Does this module require an external LED driver circuit for the backlight?
    • ⤷ Is the MH43TDD-R compatible with Arduino or Raspberry Pi controllers?