MH44TCG-R
AI

The **MH44TCG-R** is a specific electronic component typically identified as a **Micro-USB Connector**. It is widely used in consumer electronics for power charging and data synchronization.
---
## 1. Component Overview
The MH44TCG-R is a **Micro-USB Type B Female Receptacle**. It is designed for Surface Mount Technology (SMT) or Mid-Mount configurations on Printed Circuit Boards (PCBs).
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Gender** | Female (Receptacle) |
| **Orientation** | Right Angle / Horizontal |
| **Mounting Type** | Surface Mount (SMT) / Mid-Mount |
| **Number of Contacts** | 5 Pins |
| **Rated Current** | 1.0A - 1.8A (depending on manufacturer) |
| **Rated Voltage** | 30V AC/DC |
---
## 2. Pinout Configuration
As a standard Micro-USB connector, the MH44TCG-R follows the universal 5-pin layout:
1. **VBUS (+5V):** Power supply.
2. **D- (Data Minus):** Differential data signal.
3. **D+ (Data Plus):** Differential data signal.
4. **ID:** Used to distinguish between Host and Peripheral (OTG).
5. **GND:** Ground.
---
## 3. Physical & Mechanical Features
* **Shielding:** The outer shell is usually made of Stainless Steel or Copper Alloy with Nickel plating to prevent Electromagnetic Interference (EMI).
* **Contacts:** Usually Gold-plated to ensure low contact resistance and high durability (rated for thousands of mating cycles).
* **Housing:** High-temperature Thermoplastic (LCP or Nylon), allowing the part to withstand Reflow Soldering temperatures.
---
## 4. Common Applications
* **Mobile Devices:** Smartphones, tablets, and e-readers.
* **Charging Ports:** Power banks and battery-operated IoT devices.
* **Peripherals:** Computer mice, keyboards, and wireless headphones.
* **DIY Electronics:** Commonly used in ESP32 or Arduino-based projects for power and programming.
---
- ⤷
What are the PCB footprint dimensions for the MH44TCG-R?
- ⤷ Is the MH44TCG-R compatible with USB 3.0 speeds?
- ⤷ How does the 'Mid-Mount' design differ from standard SMT mounting?