Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH45TAD-R

  • AI
    The **MH45TAD-R** is a specific model of a **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Nidec (Servo)**. These fans are engineered for high-reliability industrial cooling, specifically for servers, power supplies, and telecommunications equipment. Below is a breakdown of its electronic components and specifications. --- ### 1. Technical Specifications The "MH45TAD-R" naming convention usually refers to a 45mm x 45mm square fan. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC or 24V DC (Model dependent) | | **Dimensions** | 45mm x 45mm x 10mm (or 20mm) | | **Bearing Type** | Dual Ball Bearing (indicated by "B" or "TA" series) | | **Motor Type** | Brushless DC (BLDC) | | **Termination** | 2-wire (Power) or 3-wire (Tachometer/Sensor) | --- ### 2. Key Electronic Components The internal PCB of the MH45TAD-R contains several critical electronic parts that manage its operation: * **Hall Effect Sensor:** A small IC that detects the position of the permanent magnet rotor. This allows the controller to switch the electromagnetic coils at the precise time. * **Driving IC (Commutation):** This chip acts as the "brain." It converts the DC input into a multi-phase signal to drive the stator coils, eliminating the need for physical brushes. * **Stator Windings:** Copper coils that create the magnetic field. In the "MH" series, these are often high-density windings to maximize torque in a small 45mm frame. * **Protection Circuitry:** * **Reverse Polarity Protection:** A diode that prevents damage if the positive and negative wires are swapped. * **Locked Rotor Protection:** An electronic feature that cuts or reduces power if the fan blades are physically obstructed, preventing the motor from burning out. --- ### 3. Wiring Configuration The "R" suffix often denotes specific lead wire configurations or sensor outputs. | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC (+) | Positive power supply input. | | **Black** | GND (-) | Ground/Negative return. | | **Yellow/White** | Sensor (R) | **Locked Rotor Alarm** or **Tachometer**. In "R" models, this is frequently a "Pass/Fail" signal that triggers if the RPM drops below a threshold. | --- ### 4. Distinctive Features * **High Precision Bearings:** The "TAD" designation usually implies a focus on thermal stability, using high-grade lubricants that don't evaporate at high operating temperatures. * **Low EMI Design:** The internal circuitry includes capacitors and filtering to ensure the fan does not introduce electrical noise into the sensitive server components it cools. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the MH45TAD-R version in my device?
    • ⤷ Does the 'R' suffix indicate a 'Rotation' sensor or a 'Locked Rotor' alarm?
    • ⤷ Can this fan be controlled via PWM (4-pin) or only by voltage scaling?