Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH46TAG-R

  • AI
    Based on the provided model number **MH46TAG-R**, this refers to a specific type of **RFID Transponder/Immobilizer Key** commonly used in automotive applications (particularly for Mitsubishi and Suzuki vehicles). Below is a detailed breakdown of the electronic components and technical specifications related to this part. --- ### 1. Technical Specifications The "46" in the model name signifies the use of the **HITAG 2** protocol, which is an industry standard for vehicle security. | Feature | Specification | | :--- | :--- | | **Chip Type** | PCF7936 (HITAG 2) | | **Frequency** | 125 kHz (Low Frequency) | | **Data Protocol** | Manchester encoding / Biphase | | **Memory Size** | 256 bits (EEPROM) | | **Security** | 48-bit Secret Key | | **Operating Mode** | Password mode / Crypto mode | --- ### 2. Core Electronic Components The internal structure of the MH46TAG-R is composed of three primary elements: #### A. The Integrated Circuit (IC) The heart of the tag is the **NXP PCF7936AS**. This is a high-security CMOS chip that performs the following tasks: * **Authentication:** Executes the challenge-response algorithm with the vehicle’s ECU. * **Encryption:** Uses a 48-bit key to prevent unauthorized duplication or "sniffing." * **Storage:** Holds the unique ID (UID) of the key. #### B. The Inductive Coil (Antenna) Since this is a passive RFID tag, it does not have a battery. * **Function:** It picks up electromagnetic energy from the vehicle's ignition barrel (exciter coil). * **Construction:** Very fine copper wire wrapped around a ferrite core. * **Resonance:** Tuned specifically to **125 kHz**. #### C. The Capacitor Small surface-mount capacitors are integrated within the transponder housing to form an **LC Resonant Circuit** with the coil. This allows the chip to harvest enough power from the magnetic field to transmit its data back to the reader. --- ### 3. How the Electronics Operate 1. **Induction:** When the key is placed near the ignition, the car's transceiver sends a 125 kHz signal. 2. **Powering Up:** The coil in the MH46TAG-R converts this magnetic field into electrical energy. 3. **Challenge:** The car's computer sends a random number (nonce) to the key. 4. **Computation:** The PCF7936 chip calculates a response using its internal 48-bit secret key. 5. **Response:** The key transmits the encrypted result back. If it matches the ECU's calculation, the engine is allowed to start. --- ### 4. Physical Form Factor * **Material:** Carbon/Ceramic composite or Plastic wedge. * **Durability:** Waterproof and resistant to high temperatures, as it is often molded directly into the plastic head of a car key.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PCF7936 and PCF7935 chips?
    • ⤷ Can the MH46TAG-R be reprogrammed multiple times?
    • ⤷ What equipment is needed to clone a HITAG 2 transponder?