Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH47TCG-R

  • AI
    Based on my analysis, the **MH47TCG-R** is a specific technical model identifier typically associated with **TDK-Lambda** or similar power supply manufacturers, often used in medical or industrial grade AC-DC power converters. Below is a breakdown of the electronic characteristics and component functions related to this series. --- ### 1. General Specifications The MH47 series is designed for high reliability. The "TCG-R" suffix usually denotes specific mounting styles or regulatory compliance (such as RoHS). | Feature | Description | | :--- | :--- | | **Input Voltage** | Wide range AC (85-265VAC) | | **Output Type** | Regulated DC Output | | **Application** | Medical (M) and Industrial grade | | **Cooling** | Convection or forced air cooling | | **Safety Compliance** | IEC/EN60601-1 (Medical), UL60950-1 | --- ### 2. Key Electronic Parts and Functions The internal circuitry of this module consists of several critical stages: #### A. Input Filtering (EMI/EMC) * **X and Y Capacitors:** Filter out differential and common-mode noise. * **Common Mode Choke:** Prevents electromagnetic interference from returning to the power grid. #### B. Rectification and PFC * **Bridge Rectifier:** Converts AC input to pulsating DC. * **Power Factor Correction (PFC):** Most MH series units include active PFC to ensure current is drawn in phase with the voltage, improving efficiency. #### C. Switching Stage * **MOSFETs:** High-speed transistors that "chop" the DC voltage at high frequencies (typically 50kHz - 150kHz). * **PWM Controller:** An Integrated Circuit (IC) that regulates the duty cycle of the MOSFETs to maintain a constant output voltage. #### D. Isolation and Output * **Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. * **Schottky Diodes/Rectifiers:** Convert the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** Used for smoothing the output ripples. --- ### 3. Connection and Pinout (General) While specific to the TCG-R mounting, the standard pin configuration for these modules usually includes: 1. **AC (L):** Line Input 2. **AC (N):** Neutral Input 3. **FG:** Frame Ground (Safety) 4. **+V:** Positive Output Terminal 5. **-V:** Negative Output Terminal (Return) 6. **Remote Sense:** To compensate for voltage drops across wires. --- ### 4. Technical Summary Table | Component Category | Primary Function | | :--- | :--- | | **Optoisolator** | Provides feedback from output to input while maintaining electrical isolation. | | **Thermistor (NTC)** | Limits inrush current when the device is first powered on. | | **Varistor (MOV)** | Protects the circuit against high-voltage surges or lightning strikes. |
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage and amperage ratings for the MH47TCG-R?
    • ⤷ How does the 'R' suffix in the model number affect the physical mounting?
    • ⤷ Is this power supply compatible with medical-grade 2xMOPP isolation standards?