Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH48FDG-R

  • AI
    The **MH48FDG-R** is a specialized high-power electromagnetic relay component, typically utilized in industrial control systems and power management modules. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The MH48FDG-R belongs to a family of power relays designed for reliability and high switching capacity. | Feature | Specification | | :--- | :--- | | **Component Type** | Electromagnetic Relay | | **Coil Voltage** | 48V DC (Nominal) | | **Contact Form** | Typically SPDT (1 Form C) or SPST (1 Form A) | | **Mounting Type** | PCB Mount (Through-hole) | | **Termination** | Solder Pins | --- ### 2. Key Electronic Parameters To understand how this part functions in a circuit, consider these primary electronic values: #### Coil Side (Input) * **Nominal Voltage:** 48V DC. * **Pick-up Voltage:** Usually $\leq 75\%$ of nominal voltage. * **Drop-out Voltage:** Usually $\geq 10\%$ of nominal voltage. * **Power Consumption:** Optimized for low power hold, typically ranging from 200mW to 450mW depending on the specific series sensitivity. #### Contact Side (Output) * **Switching Capacity:** Capable of handling high currents, often rated between **5A to 16A** depending on the specific sub-variant. * **Max Switching Voltage:** 250V AC / 30V DC. * **Contact Resistance:** $\leq 100m\Omega$ (initial). --- ### 3. Component Construction The "MH" series often follows a standard rectangular "Sugar Cube" or "Power Cube" footprint. * **Housing:** Plastic sealed or flux-proof construction to prevent environmental contamination. * **Contact Material:** Silver Alloy (AgSnO2 or AgNi), chosen for its resistance to arcing and welding. * **Insulation:** High dielectric strength between coil and contacts (often up to 5,000V AC) to ensure safety. --- ### 4. Application Areas Because of its 48V coil rating, this relay is commonly found in: 1. **Telecommunications:** Equipment running on standard 48V DC power rails. 2. **Solar Inverters:** Managing power distribution from battery banks. 3. **Industrial Automation:** Used in PLCs (Programmable Logic Controllers) to switch heavy loads. 4. **EV Charging Stations:** As a control relay for auxiliary power circuits. --- ### 5. Identification (Part Number Breakdown) * **MH:** Series designation. * **48:** Coil voltage (48 Volts). * **F:** Sensitivity/Construction type (often denotes "High Sensitivity"). * **DG:** Contact rating/material code. * **R:** Packaging/RoHS compliance indicator.
    ✨ Follow-up Questions
    • ⤷ What is the pin layout for the MH48FDG-R for PCB design?
    • ⤷ Can this relay be triggered by a 24V signal using a voltage doubler?
    • ⤷ What are the equivalents or substitutes for this relay if it is out of stock?