Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH48TAG-R

  • AI
    ### Analysis of the MH48TAG-R Logic Module The **MH48TAG-R** is an electronic logic controller/relay module typically used in industrial automation, HVAC systems, or specialized electronic control circuits. It functions as a programmable or semi-programmable interface that processes input signals to trigger specific output states. --- ### Key Electronic Components & Functions | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Logic Controller (MCU)** | Integrated Circuit (IC) chip located on the PCB. | Processes incoming data/signals and executes programmed logic. | | **Relays** | Mechanical or Solid State switches (often rated for high current). | Isolates low-voltage control logic from high-voltage power loads. | | **Input Terminals** | Connection points for sensors or switches. | Receives 5V, 12V, or 24V signals depending on the specific model variation. | | **Voltage Regulator** | Step-down components (LDOs or Buck converters). | Converts main supply voltage to the stable level required by the internal ICs. | | **LED Indicators** | Light Emitting Diodes (usually Red/Green). | Provides visual feedback for Power (PWR) and Status/Output activation. | --- ### Technical Specifications (General) While specific datasheets can vary by manufacturer (often associated with brands like **MITSUMI** or specialized HVAC providers), the electronic architecture generally follows these parameters: 1. **Supply Voltage:** Usually operates on a DC range (common values: 12V or 24V). 2. **Output Rating:** The "R" in the suffix typically denotes a **Relay Output**, capable of switching AC or DC loads. 3. **Isolation:** Opto-couplers are often present on the PCB to protect the logic side from electromagnetic interference (EMI) originating from the load. 4. **Housing:** Often encapsulated in an anti-static plastic shell for DIN-rail or screw mounting. --- ### Operational Flow 1. **Signal Input:** The module receives a trigger via the input pins (e.g., from a thermostat or PLC). 2. **Processing:** The internal logic gates or MCU verify if the conditions for switching are met. 3. **Switching:** The coil of the relay is energized, closing the contact for the **MH48TAG-R** output. 4. **Feedback:** The onboard LED illuminates to notify the user of the active state. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific input voltage requirement for the MH48TAG-R?
    • ⤷ Does the MH48TAG-R support PWM signal modulation?
    • ⤷ Can this module be mounted on a standard DIN rail?