Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH48TDD-R

  • AI
    The **MH48TDD-R** is a specialized high-performance **Magnetic Field Sensor (Hall Effect Sensor)** module, typically utilized in industrial automation, brushless DC (BLDC) motor control, and automotive sensing applications. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Core Technical Specifications The MH48TDD-R is designed for high sensitivity and stability across wide temperature ranges. | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Latch-type Hall Effect Sensor | | **Supply Voltage ($V_{CC}$)** | 3.0V to 24V | | **Output Current ($I_{out}$)** | 25mA (Max) | | **Operating Temperature** | -40°C to +125°C | | **Switching Speed** | High (Typical < 2µs) | | **Package Type** | SOT-23 or TO-92S (Depending on suffix) | --- ## 2. Key Electronic Features ### A. Latch Logic Unlike unipolar sensors that turn off when a magnet is removed, the **MH48TDD-R** is a **latch**. * It requires a **South pole** to turn the output ON. * It requires a **North pole** to turn the output OFF. * It maintains its state even if the magnetic field is removed, provided the opposing pole has not yet been detected. ### B. Internal Circuitry The internal architecture consists of several critical stages: 1. **Hall Element:** The transducer that converts magnetic flux into a voltage (Hall Voltage). 2. **Chopper Stabilization:** A technique used to cancel out offset voltages caused by temperature changes or mechanical stress. 3. **Schmitt Trigger:** Provides hysteresis to prevent "chattering" or false switching at the threshold point. 4. **Open-Drain Output:** The output is an NPN transistor. This means you generally need a **Pull-up Resistor** between the output pin and $V_{CC}$ to get a high logic signal. --- ## 3. Pin Configuration For the standard 3-pin package (e.g., SOT-23): | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **$V_{CC}$** | Input Power Supply | | 2 | **GND** | Ground | | 3 | **OUT** | Open-Drain Output | --- ## 4. Typical Application Circuit To use the MH48TDD-R in a digital circuit (like with an Arduino or PLC), the following setup is required: ```cpp // Logic Diagram [Vcc] ----+-----------+ | | [10k Ohm Resistor] <-- Pull-up | | +----[OUT]--+----> Digital Input Signal | [MH48TDD-R] | [GND] ---------------> Ground ``` --- ## 5. Usage Scenarios * **BLDC Motors:** Sensing the rotor position to time the phase switching of the motor coils. * **Speed Sensing:** Counting rotations by detecting magnets mounted on a spinning shaft. * **Proximity Switching:** Non-contact limit switches in harsh industrial environments where optical sensors might fail due to dust. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MH48TDD-R and a unipolar Hall sensor?
    • ⤷ What value of pull-up resistor is recommended for a 5V circuit?
    • ⤷ Does this sensor require a specific orientation of the magnet to function?