Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH51FDG-R

  • AI
    The **MH51FDG-R** is a specific electronic component typically identified as a **Micro-Controller Unit (MCU)** or a specialized Integrated Circuit (IC) often produced by manufacturers like Megawin. It is widely used in industrial automation, consumer electronics, and control systems. Below is a breakdown of its technical characteristics and electronic architecture. --- ## 1. Core Specifications The MH51 series is generally based on an enhanced **8051 architecture**, providing high performance with low power consumption. | Feature | Specification (Typical) | | :--- | :--- | | **Architecture** | Enhanced 8-bit 8051 Core | | **Operating Voltage** | 2.0V to 5.5V | | **Flash Memory** | 16KB to 32KB (Model dependent) | | **SRAM** | 1KB to 2KB | | **Clock Speed** | Up to 24MHz - 48MHz (Internal RC) | | **Package Type** | TSSOP20 / QFN20 | --- ## 2. Key Electronic Blocks The internal circuitry consists of several functional blocks that define its utility in electronic design: ### A. Power Management * **Low Voltage Reset (LVR):** Automatically resets the chip if the voltage drops below a safe threshold. * **Low Voltage Detector (LVD):** Monitors the supply voltage and triggers interrupts to save data before power loss. ### B. Input/Output (I/O) Logic * **High Sink/Source Current:** The pins are designed to drive LEDs or small relays directly without needing external transistors in some cases. * **Internal Pull-ups:** Reduces the need for external resistors, saving PCB space. ### C. Analog-to-Digital Converter (ADC) * Equipped with a **12-bit ADC**. * This allows the chip to read analog sensors (temperature, light, pressure) and convert the signals into digital data for processing. ### D. Communication Interfaces The MH51FDG-R supports standard industrial communication protocols: 1. **UART:** For serial communication with PCs or Bluetooth modules. 2. **I2C:** For communicating with digital sensors or OLED displays. 3. **SPI:** High-speed data exchange with SD cards or other microcontrollers. --- ## 3. Peripheral Features The "R" suffix often denotes specific packaging or updated revisions with enhanced features: * **PWM (Pulse Width Modulation):** Used for controlling motor speeds or LED dimming. * **Watchdog Timer (WDT):** Ensures the system recovers automatically if the software crashes or hangs. * **Internal Oscillator:** Eliminates the need for an external crystal, reducing total BOM (Bill of Materials) cost. --- ## 4. Common Applications Due to its small footprint and robust feature set, the MH51FDG-R is commonly found in: * **Small Appliances:** Toasters, blenders, and coffee machines. * **Lighting Controllers:** Dimmable LED drivers and RGB controllers. * **Battery Management:** Simple monitoring circuits for Li-ion packs.
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the TSSOP20 and QFN20 versions of this IC?
    • ⤷ How do I program the MH51FDG-R using a standard ISP programmer?
    • ⤷ What is the maximum current draw per I/O pin for this specific model?