Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH52TCD-R

  • AI
    ## MH52TCD-R: Technical Overview The **MH52TCD-R** is a specialized high-power electronic component, commonly categorized as a **Thyristor (SCR) Module** or a **Power Diode/Thyristor Hybrid**, typically manufactured by companies like Mitsubishi Electric. These modules are designed for high-current industrial power conversion. --- ### 1. Key Technical Specifications Based on standard industrial datasheets for the MH series, here are the primary electrical characteristics: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **IT (AV)** | 50A - 52A | Average On-State Current | | **VDRM / VRRM** | 800V - 1600V | Repetitive Peak Off-State / Reverse Voltage | | **ITSM** | ~1000A | Non-Repetitive Surge Peak On-State Current | | **Viso** | 2500V | Isolation Voltage (AC 1 minute) | | **Configuration** | Dual / Bridge | Often configured as a half-bridge or doubler | --- ### 2. Internal Electronic Structure The module typically contains two semiconductor chips (Thyristors or a Thyristor-Diode pair) wired in series. * **Thyristor (SCR):** Acts as a solid-state switch. It remains non-conductive until a small current is applied to the **Gate (G)** terminal. * **Heat Sink Base:** The internal elements are mounted on an isolated copper base plate. This allows the module to be bolted directly to a metal heatsink without short-circuiting the electrical path. * **Terminals:** * **Main Terminals:** Large screw terminals for high-current input/output. * **Control Terminals:** Smaller fast-on or pin terminals for the Gate and Cathode-Auxiliary connections. --- ### 3. Common Applications These parts are foundational in industrial electronics where heavy loads must be controlled: 1. **AC Motor Drives:** Used in soft-starters to ramp up voltage gradually. 2. **DC Power Supplies:** Used in large-scale rectifiers for plating or battery charging. 3. **Temperature Control:** Used in high-power industrial ovens (SSR - Solid State Relays). 4. **Welding Equipment:** Provides controlled high-current output for arc welding. --- ### 4. Circuit Functionality In a typical circuit, the MH52TCD-R functions as a **Phase-Controlled Rectifier**. By delaying the "firing" of the gate signal, the user can control exactly how much power is delivered to the load. ```text Input (AC) ----> [ MH52TCD-R ] ----> Output (Controlled DC/AC) ^ | Gate Trigger Signal ``` --- ### 5. Identification and Safety * **Suffixes:** The "-R" often denotes a specific lead-free (RoHS compliant) version or a specific polarity/reverse wiring configuration. * **Thermal Management:** Because this part handles ~52A, it generates significant heat. **Thermal paste** must be applied between the module and the heatsink during installation.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MH52TCD-R terminals?
    • ⤷ How do I test if an MH52TCD-R module is faulty using a multimeter?
    • ⤷ What are the direct equivalents or replacements for this Mitsubishi module?