Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH52TCG-R

  • AI
    The **MH52TCG-R** is a specific model of a **Magnetic Buzzer** (also known as a transducer or sound generator) typically used in electronics for audible feedback. These components are characterized by their surface-mount design and small form factor. --- ### 1. Technical Specifications The following table summarizes the key electronic characteristics typically associated with the MH52TCG-R series: | Parameter | Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 3.0V ~ 5.0V (Typical) | | **Operating Voltage** | 2.0V ~ 6.0V | | **Rated Current** | Max 100mA | | **Sound Pressure Level (SPL)** | ~85dB at 10cm | | **Resonant Frequency** | 2730 Hz | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | SMD (Surface Mount Device) | --- ### 2. Internal Components and Working Principle The MH52TCG-R operates based on electromagnetism rather than the piezoelectric effect. * **Coil (Electromagnet):** A wire coil wrapped around a core. When current flows, it creates a magnetic field. * **Vibrating Diaphragm:** A small metal disk (usually iron or a magnetic alloy) positioned above the coil. * **Permanent Magnet:** Provides a constant magnetic bias to improve sensitivity and efficiency. * **Mechanism:** When an oscillating signal (square wave) is applied to the pins, the magnetic field fluctuates, pulling and releasing the diaphragm rapidly. This vibration creates sound waves at the frequency of the input signal. --- ### 3. Application Circuitry Unlike "active" buzzers, the **MH52TCG-R is a passive transducer**, meaning it requires an external oscillating signal to produce sound. #### Example Driving Circuit (Transistor Switch) To protect a microcontroller (MCU) from high current draw, a transistor is used to drive the buzzer: ```c // Example logic for driving the buzzer with an MCU void beep(int frequency, int duration) { // Generate a PWM signal at the resonant frequency (e.g., 2730Hz) // The MH52TCG-R requires a square wave input. start_pwm(frequency); delay(duration); stop_pwm(); } ``` --- ### 4. Key Design Considerations 1. **Polarity:** These components are polarized. Ensure the "+" mark on the casing aligns with the positive side of your circuit. 2. **Back EMF Protection:** Since it contains a coil (inductor), it is recommended to place a **flyback diode** in parallel with the buzzer to prevent voltage spikes from damaging the driving transistor. 3. **Reflow Soldering:** As an SMD component, it is designed for automated pick-and-place and reflow soldering ovens, but care must be taken not to exceed the maximum heat duration to avoid melting the internal plastic housing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive transducer like the MH52TCG-R?
    • ⤷ Can this buzzer be driven directly from an Arduino GPIO pin?
    • ⤷ How do I calculate the flyback diode value for this component?