Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH53TCD-R

  • AI
    The **MH53TCD-R** is a specific model of a **Tachogenerator** (or Tachometer Generator), commonly used in industrial automation for speed measurement and motor control. It is often associated with brands like **Mitsubishi** or **REEL**, integrated into DC motor systems to provide precise velocity feedback. --- ### 1. Core Technical Specifications | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | DC Tachometer Generator | | **Output Voltage** | Usually 60V per 1000 RPM (Standard for this series) | | **Max Speed** | Up to 5000 - 6000 RPM | | **Connection Type** | Terminal Box or Radial Cable | | **Mounting** | Hollow shaft or Flange mount | | **Protection Class** | IP54 / IP55 (Depending on housing) | --- ### 2. Internal Electronic Parts and Construction The MH53TCD-R consists of several key electromechanical parts that work together to convert mechanical rotation into an electrical signal: #### A. Permanent Magnet Stator The "stator" consists of high-quality permanent magnets. These create a constant magnetic field. Unlike a standard generator, the stability of these magnets is crucial because any fluctuation in magnetic flux would result in an inaccurate speed reading. #### B. Armature (Rotor) The rotating part contains windings (coils) connected to a shaft. As the shaft spins within the stator's magnetic field, it induces an **Electromotive Force (EMF)** proportional to the speed. #### C. Commutator and Brushes * **Commutator:** A copper segmented cylinder that rectifies the AC current generated in the windings into a DC voltage. * **Brushes (Silver/Graphite):** These parts maintain physical contact with the commutator to "pick up" the voltage. In the "R" suffix models, high-quality silver-graphite brushes are often used to reduce electrical noise and ensure a linear voltage output. #### D. Compensation Windings (In some variants) To ensure high linearity (where 2000 RPM is exactly double the voltage of 1000 RPM), the unit may include internal compensation to counteract "armature reaction." --- ### 3. Functional Working Principle The electronics operate based on **Faraday's Law of Induction**: 1. **Input:** Mechanical rotation from a motor shaft. 2. **Conversion:** The armature spins, cutting through the magnetic flux. 3. **Output:** A DC voltage is produced. The relationship is expressed as: `V = K * Φ * ω` *(Where V = Voltage, K = Machine constant, Φ = Magnetic flux, ω = Angular velocity)*. --- ### 4. Common Applications * **Closed-loop Speed Control:** Providing feedback to a Variable Frequency Drive (VFD) or DC Drive. * **Elevator Systems:** Ensuring smooth acceleration and deceleration. * **Industrial Paper/Textile Mills:** Synchronizing multiple rollers at the same speed.
    ✨ Follow-up Questions
    • ⤷ What are the maintenance requirements for the brushes in an MH53TCD-R?
    • ⤷ How do I calibrate the voltage output per 1000 RPM?
    • ⤷ What are the common failure symptoms of this tachogenerator?