Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH53TDD-R

  • AI
    The **MH53TDD-R** is a specific model of a **Magnetic Buzzer** (or Magnetic Transducer), commonly used in electronics for audible signaling and alarms. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The MH53TDD-R is designed as a surface-mount device (SMD) or pin-through-hole component (depending on the specific series variant) used to convert electrical signals into sound. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Operating Voltage** | 3.0V - 7.0V DC (Typically 5V Rated) | | **Rated Current** | Max 40mA - 80mA | | **Sound Pressure Level (SPL)** | ≥ 85dB at 10cm | | **Resonant Frequency** | 2400Hz - 2700Hz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Components & Mechanism Unlike a piezo buzzer, a magnetic buzzer like the MH53TDD-R operates on electromagnetic principles: * **Electromagnet:** Consists of a copper wire coil wrapped around a core. When current passes through, it creates a magnetic field. * **Permanent Magnet:** Provides a stationary magnetic field. * **Vibrating Diaphragm:** A small metal disk. When the electromagnet is pulsed, it interacts with the permanent magnet to pull and release the diaphragm rapidly. * **Housing:** Usually made of PPS or PBT plastic to withstand high soldering temperatures. --- ### 3. Application Circuitry Because this is a **Transducer** (External Drive), it does not have an internal oscillating circuit. You must provide a square wave signal from a microcontroller (like an Arduino or STM32) to generate sound. #### Basic Transistor Drive Circuit Since a microcontroller pin cannot usually provide enough current (40mA+), a transistor is used: ```cpp // Example: Arduino tone generation void setup() { pinMode(9, OUTPUT); // Connect to Transistor Base } void loop() { tone(9, 2700); // Send 2.7kHz square wave delay(1000); noTone(9); delay(1000); } ``` --- ### 4. Key Considerations for Implementation * **Polarity:** These devices are polarized. Look for the "+" mark on the top or side to ensure correct orientation. * **Flyback Diode:** It is recommended to place a diode (e.g., 1N4148) in parallel with the buzzer to protect the driving transistor from inductive voltage spikes. * **Washability:** The "-R" suffix often indicates "RoHS compliant" and may indicate a sealed design. However, if there is a "Wash Label" (a small sticker over the hole), do not remove it until after the PCB has been cleaned.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a magnetic transducer and a piezo buzzer?
    • ⤷ How do I calculate the resistor value for the driving transistor?
    • ⤷ Can this buzzer produce different pitches or melodies?