Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH53TDG-R

  • AI
    The **MH53TDG-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are vital in power management circuits, specifically within DC-DC converters, to store energy and filter noise. --- ## Technical Specifications | Parameter | typical Value/Description | | :--- | :--- | | **Component Type** | SMD Power Inductor | | **Inductance** | Specified in Microhenries (µH) | | **Mounting Type** | Surface Mount (SMT) | | **Material** | Ferrite core with copper winding | | **Shielding** | Magnetically Shielded (reduces EMI) | | **RoHS Status** | Compliant (Lead-free) | --- ## Key Features & Construction ### 1. Magnetic Shielding The "R" suffix often indicates a specific revision or packaging style, but the MH series generally features a **magnetically shielded** construction. This is crucial for high-density PCB designs where electromagnetic interference (EMI) could disrupt neighboring sensitive components like CPUs or wireless modules. ### 2. Low DC Resistance (DCR) These inductors are designed to have very low internal resistance. This minimizes energy loss through heat, making them ideal for battery-operated devices where high efficiency is required. ### 3. High Saturation Current The ferrite core is engineered to handle high current peaks without "saturating." If an inductor saturates, it loses its ability to store energy effectively, which can lead to circuit failure. --- ## Common Applications The MH53TDG-R is commonly found in the following electronic environments: * **Mobile Electronics:** Power rails for smartphones and tablets. * **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. * **Computer Peripherals:** Power management for SSDs and network cards. * **Automotive Infotainment:** Compact power filtering for dashboard displays. --- ## Typical Part Number Breakdown While manufacturer codes vary slightly, the "MH53" string usually identifies the physical dimensions (e.g., 5.0mm x 5.0mm x 3.0mm), while "TDG" refers to the core material and tolerance specifications. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the MH53 series footprint?
    • ⤷ How does magnetic shielding impact the performance of this inductor?
    • ⤷ What is the maximum saturation current for the MH53TDG-R?