Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH54FAG-R

  • AI
    The **MH54FAG-R** is a specific electronic component primarily categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Component Overview The MH54FAG series is designed for high-density power supply applications. It is engineered to handle significant current levels while maintaining a small footprint on a Printed Circuit Board (PCB). ### 2. Technical Specifications While exact values can vary based on the manufacturer’s specific batch (often linked to brands like *Sunlord* or *Murata* style equivalents), the general characteristics are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Typically 0.47µH to 10µH (varies by suffix) | | **DC Resistance (DCR)** | Low (mΩ range) to minimize power loss | | **Operating Temp** | -40°C to +125°C | | **Shielding** | Magnetically Shielded (reduces EMI) | ### 3. Key Features * **High Current Handling:** Designed to sustain high saturation currents without a significant drop in inductance. * **Low Profile:** The "54" in the part number often refers to the physical dimensions (e.g., approx. 5.0mm x 5.0mm x 4.0mm). * **Magnetic Shielding:** The construction prevents electromagnetic interference (EMI) from affecting nearby sensitive components like CPUs or RF modules. * **Heat Resistance:** Built using materials that can withstand high-temperature reflow soldering processes. ### 4. Common Applications These inductors are found in circuits where voltage needs to be converted efficiently: 1. **DC-DC Converters:** Used in "Buck" or "Boost" regulators to stabilize output voltage. 2. **Consumer Electronics:** Powering modules in laptops, tablets, and smartphones. 3. **LED Drivers:** Managing the current flow to high-brightness LEDs. 4. **Automotive Infotainment:** Providing clean power to dashboard displays and sensors. ### 5. Part Number Breakdown (General) * **MH:** Series prefix (often denotes High-Current/High-Frequency). * **54:** Physical dimensions (Height/Width code). * **FAG:** Material or internal construction code. * **-R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷What is the exact inductance value for the 'R' variant of this series?
    • ⤷ How does magnetic shielding in the MH54FAG-R improve circuit performance?
    • ⤷ What are the footprint dimensions for the MH54 series on a PCB?