Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH55FAG-R

  • AI
    The **MH55FAG-R** is an electronic component primarily classified as a **High-Frequency (RF) PIN Diode**, typically manufactured by companies like Mitsubishi Electric or specialized semiconductor firms. It is designed for high-speed switching and attenuation in telecommunications equipment. --- ### ## Technical Specifications Below are the typical electrical characteristics and physical properties of the MH55FAG-R: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | PIN Diode | Switching/Attenuator | | **Mounting Type** | Surface Mount (SMD) | SOT-23 or similar | | **Forward Resistance ($R_f$)** | Low resistance at high bias | < 1.0 $\Omega$ @ 10mA | | **Capacitance ($C_t$)** | Low terminal capacitance | < 0.5 pF | | **Reverse Voltage ($V_r$)** | Maximum breakdown voltage | 50V - 60V | | **Applications** | RF Switching, AGC Circuits | VHF, UHF, and SHF bands | --- ### ### Key Electronic Functions 1. **RF Switching**: In its forward-biased state, the diode acts as a low-impedance conductor, allowing RF signals to pass. In the reverse-biased state, it acts as an open circuit with high isolation. 2. **Variable Attenuation**: Because the resistance of a PIN diode is controlled by the DC bias current, the MH55FAG-R can be used in **Automatic Gain Control (AGC)** circuits to smoothly adjust signal strength without distorting the waveform. 3. **Low Distortion**: The "I" (intrinsic) layer between the P and N regions allows it to handle high-frequency signals with minimal intermodulation distortion compared to standard signal diodes. --- ### ### Internal Structure (Simplified) The MH55FAG-R follows the standard PIN architecture: ```text [ P-Layer ] -> [ Intrinsic (I) Layer ] -> [ N-Layer ] ^ ^ ^ Anode High Resistivity Cathode ``` * **The I-Layer** is the defining characteristic, providing the low capacitance required for high-frequency performance. --- ### ### Typical Usage Scenarios * **Mobile Radio Units**: For switching between Transmit (TX) and Receive (RX) modes. * **TV Tuners**: To balance signal levels in varying reception environments. * **Signal Generators**: For precise amplitude modulation.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the MH55FAG-R?
    • ⤷ How does the MH55FAG-R compare to the MH55FAG series variants?
    • ⤷ Can you provide a basic circuit diagram for using this as an RF switch?