Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH57TBD-R

  • AI
    The **MH57TBD-R** is a specific model of a **hybrid stepping motor**, typically manufactured by companies like **Sanyo Denki** (SanAce) or associated industrial motion control brands. These motors are designed for high precision, high torque, and durability in automated systems. Below is a detailed breakdown of its electronic and electromechanical components. --- ### 1. Technical Specifications Table | Parameter | Typical Value / Description | | :--- | :--- | | **Motor Type** | Two-phase Hybrid Stepping Motor | | **Frame Size** | 56.4 mm (NEMA 23 equivalent) | | **Step Angle** | 1.8° per step (200 steps per revolution) | | **Winding Type** | Unipolar or Bipolar (Model variant dependent) | | **Configuration** | High-torque internal rotor with permanent magnets | | **Connection Type** | Lead wire or connector terminal | --- ### 2. Key Electronic Components #### A. Stator and Windings The core electronic functionality lies in the **stator windings**. * **Coils:** Copper wire wound around the stator poles. When current flows through these coils, it creates an electromagnetic field. * **Phases:** This is a 2-phase motor, meaning the internal coils are grouped into two distinct circuits that are energized in sequence to create rotation. #### B. The Permanent Magnet Rotor The "Hybrid" in the name refers to the combination of two technologies: 1. **Variable Reluctance:** Toothed iron core. 2. **Permanent Magnet:** A cylindrical magnet magnetized axially. * **Function:** This provides the "detent torque" (the resistance felt when turning the motor by hand while off) and allows for much higher torque compared to standard permanent magnet motors. #### C. Feedback and Wiring * **Lead Wires:** Usually color-coded (Red, Blue, Green, Yellow, etc.). * **R-Suffix:** The "R" in the model number often indicates a specific revision or a specific connector type (Right-angle or specific housing) used for industrial integration. --- ### 3. Operational Requirements To function, the MH57TBD-R requires external electronic control systems: * **Stepper Driver:** Converts low-level signals (Pulse/Dir) into high-voltage power pulses. * **Controller/PLC:** Sends the logic signals to determine the speed, distance, and direction of the motor. --- ### 4. Common Applications * **Medical Equipment:** High-precision laboratory pumps or scanners. * **Office Automation:** High-end printers and photocopiers. * **Industrial CNC:** Small-scale milling or laser engraving machines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the unipolar and bipolar versions of this motor?
    • ⤷ Which stepper driver is recommended for a NEMA 23 hybrid motor like the MH57TBD-R?
    • ⤷ How do I interpret the wiring color codes for this specific model?