Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH58TAG-R

  • AI
    The **MH58TAG-R** is a specific radio frequency (RF) tag, primarily utilized within the **Automotive and Security industries**. It functions as a transponder for Passive Keyless Entry (PKE) or Remote Keyless Entry (RKE) systems. Below is a breakdown of its electronic composition and technical specifications. --- ## 1. Core Electronic Components The MH58TAG-R is not a single component but a complete PCBA (Printed Circuit Board Assembly) inside a key fob. Its architecture typically includes: | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that handles encryption algorithms (like AES-128) and power management. | | **RF Transmitter/Transceiver** | Operates usually at **433.92 MHz** (EU) or **315 MHz** (US) to send signals to the vehicle. | | **LF Antenna (Coil)** | A copper wire coil used for **125 kHz** Low-Frequency wake-up signals and proximity detection. | | **EEPROM/Flash Memory** | Stores the unique ID of the key and the rolling code synchronization data. | | **Tactile Switches** | Physical buttons for Lock, Unlock, and Trunk release functions. | --- ## 2. Technical Specifications These tags are designed for low power consumption and high security. ### RF Characteristics * **Operating Frequency:** UHF band (315/433 MHz) for long-range commands. * **Wake-up Frequency:** 125 kHz (used for "Hands-Free" start and immobilization). * **Modulation:** FSK (Frequency Shift Keying) or ASK (Amplitude Shift Keying). ### Power Management * **Battery Type:** Typically powered by a **CR2032** 3V Lithium coin cell. * **Sleep Mode:** The electronic circuit remains in a "Deep Sleep" state until it detects a 125 kHz LF trigger from the car or a physical button press. --- ## 3. Security and Protocols The "Electronic Part" of the MH58TAG-R relies heavily on cryptographic security to prevent relay attacks and signal cloning: 1. **Rolling Codes:** Every time a button is pressed, the internal logic calculates a new code based on a secret key; the car will not accept the same code twice. 2. **Immobilizer Integration:** Even if the battery dies, the **LF Coil** can be powered via induction by the car's ignition slot to allow the engine to start. 3. **Transponder Chip:** Often utilizes NXP (formerly Philips) PCF series or similar secure transponder technology. --- ## 4. Common Applications * **Mitsubishi/Nissan Systems:** Frequently found in aftermarket and OEM replacements for specific regional vehicle models. * **Smart Key Systems:** Used in push-to-start ignition systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible battery replacement for the MH58TAG-R?
    • ⤷ How do you program a new MH58TAG-R to a vehicle?
    • ⤷ What are the main differences between the 315MHz and 433MHz versions of this tag?