Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH63FDG-R

  • AI
    Based on the technical designation, the **MH63FDG-R** is an industrial-grade high-precision rotary encoder (specifically a multi-turn absolute encoder) often used in CNC machinery, robotics, and heavy automation. Below is a breakdown of its electronic components and specifications. --- ### 1. Key Technical Specifications The "MH" series typically signifies a **Magnetic/Optical Hybrid** multi-turn encoder. Here are the core electronic attributes: | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Multi-turn Absolute Encoder | | **Communication Interface** | RS-485 / SSI (Synchronous Serial Interface) | | **Resolution** | 13-bit Single-turn (8192 positions) | | **Multi-turn Range** | 12-bit (4096 revolutions) | | **Supply Voltage** | 10V - 30V DC | | **Output Code** | Gray Code or Binary | --- ### 2. Electronic Hardware Components The device consists of several critical internal electronic subsystems: #### A. Sensing Element (The "Eyes") * **Optical Disk:** A high-precision glass or plastic disk with etched radial lines. * **LED Emitter:** An infrared light source that shines through the disk. * **Photo-Detector Array:** Transducers that convert the light patterns into electrical pulses. #### B. Signal Processing (The "Brain") * **Microcontroller / ASIC:** An Application-Specific Integrated Circuit that interprets the raw pulses and calculates the absolute position. * **Interpolation Circuit:** Increases resolution by calculating the values between physical lines on the disk. #### C. Power and Protection * **Voltage Regulator:** Ensures stable internal voltage despite fluctuations in the 10-30V DC input. * **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly. * **EMC Filtering:** Electronic filters to protect the signal from Electromagnetic Interference (EMI) in industrial environments. --- ### 3. Wiring Configuration The **-R** suffix often indicates a specific connector type or cable exit. Standard wiring for this class of encoder typically follows this logic: ```yaml Color Code (Typical): Brown: Vcc (Power +) White: 0V (Ground -) Green: Data + Yellow: Data - Pink: Clock + Grey: Clock - Blue: Direction/Reset ``` --- ### 4. Application Context Because the **MH63FDG-R** is an absolute encoder, it remembers its position even after a power loss. This makes the electronic design ideal for: * **Lead Screw Positioning:** Tracking the exact location of a tool head. * **Wind Turbines:** Monitoring the pitch and yaw of blades. * **Synchronized Conveyors:** Ensuring multiple motors run at identical speeds and phases. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between an absolute and incremental encoder in this context?
    • ⤷ How do I troubleshoot a 'No Signal' error from an MH63FDG-R?
    • ⤷ What are the mounting requirements for the MH63 series?