Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH64FCG-R

  • AI
    The **MH64FCG-R** is an electronic component primarily classified as a **High-Frequency/Microwave Fixed Attenuator**. It is designed to reduce the power of a signal without significantly distorting its waveform, typically used in RF (Radio Frequency) and telecommunications applications. --- ### 1. Key Technical Specifications Below are the general characteristics typically associated with the MH64 series: | Feature | Description | | :--- | :--- | | **Component Type** | RF Fixed Attenuator | | **Frequency Range** | DC up to 3 GHz (typical for MH series) | | **Attenuation Value** | 6 dB (indicated by '6' in the part number) | | **Impedance** | 50 Ohms (standard for RF systems) | | **Power Rating** | Low to medium power (typically 0.5W to 2W) | | **Mounting Type** | Surface Mount (SMD) or Coaxial depending on suffix | --- ### 2. Breakdown of the Part Number While specific manufacturer prefixes can vary slightly, the nomenclature usually follows this logic: 1. **MH**: Series identifier (often associated with high-precision micro-strip components). 2. **6**: The attenuation value in Decibels (dB). 3. **4**: Designator for package size or physical dimensions. 4. **FCG-R**: Compliance and packaging codes (e.g., **R** often denotes RoHS compliance or Tape & Reel packaging). --- ### 3. Applications The MH64FCG-R is used in circuits where signal levels need to be managed to prevent overloading sensitive components. * **Signal Leveling:** Ensuring consistent power levels across different stages of a transmitter or receiver. * **Impedance Matching:** Used between stages to improve the "Visual Standing Wave Ratio" (VSWR) and reduce signal reflections. * **Protection:** Shielding delicate measurement equipment or mixers from high-power inputs. * **Telecommunications:** Used in base stations, satellite communications, and laboratory testing environments. --- ### 4. Implementation Example (Schematic Context) In a simplified RF signal chain, the attenuator is placed between an amplifier and a mixer: ```markdown [ LNA / Amplifier ] ----> [ MH64FCG-R (6dB) ] ----> [ Mixer / ADC ] +10 dBm +4 dBm Optimal Input ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MH64FCG-R?
    • ⤷ How does a 6dB attenuation affect the output power in terms of percentage?
    • ⤷ Are there 3dB or 10dB versions available in this specific series?