Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • MH64TDD-R

  • AI
    The **MH64TDD-R** is a high-performance, multi-channel **Massive MIMO (Multiple Input Multiple Output) Antenna/Radio Unit** typically used in 5G NR (New Radio) network infrastructure. It is designed to handle high capacity and massive connectivity in urban environments. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The "64T64R" designation is the most critical part of its architecture, referring to the number of transmit and receive chains. | Feature | Specification | | :--- | :--- | | **Configuration** | 64T64R (64 Transmit, 64 Receive channels) | | **Technology** | 5G NR Massive MIMO | | **Duplex Mode** | TDD (Time Division Duplex) | | **Frequency Band** | Typically C-Band (3.5GHz / n77 / n78 range) | | **Instantaneous BW** | Up to 200MHz (depending on specific regional variant) | | **Output Power** | Total power often ranges between 200W to 320W | --- ### 2. Core Electronic Components The MH64TDD-R is composed of several sophisticated electronic subsystems: #### A. Antenna Array Assembly * **Radiating Elements:** Contains an array of dual-polarized antenna elements. * **Phase Shifters:** Integrated into the board to allow for **Beamforming**, which focuses the signal toward specific users rather than broadcasting in all directions. #### B. RF Front-End (RFFE) * **Power Amplifiers (PA):** High-efficiency GaN (Gallium Nitride) or LDMOS amplifiers that boost the signal for transmission. * **Low Noise Amplifiers (LNA):** Highly sensitive components that amplify weak signals received from mobile devices while minimizing noise. * **Filters/Duplexers:** Cavity filters or ceramic filters used to prevent interference between the high-power transmit signals and the sensitive receive signals. #### C. Digital Processing Unit * **FPGA/ASIC:** The "brain" of the unit. It performs High-PHY (Physical Layer) processing, Digital Up-Conversion (DUC), Digital Down-Conversion (DDC), and Digital Pre-Distortion (DPD) to linearize the power amplifiers. * **Transceivers:** Multi-channel RF ICs that convert digital bits into analog RF signals and vice-versa. #### D. Interface and Power * **CPRI/eCPRI Port:** High-speed fiber optic interface (SFP+ or SFP28) used to connect the radio unit to the Baseband Unit (BBU) or Distributed Unit (DU). * **Power Module:** DC-to-DC converters designed to handle -48V standard telecom power and distribute it to the sensitive internal logic and high-power RF stages. --- ### 3. Functional Architecture The electronics work together to perform **Spatial Multiplexing**. This allows the unit to transmit different data streams to different users simultaneously on the same frequency resource, vastly increasing the spectral efficiency of the cell site. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 64T64R and 32T32R in 5G performance?
    • ⤷ How does beamforming technology work within the MH64TDD-R?
    • ⤷ What are the cooling requirements for high-power Massive MIMO units?